Electronic Components Datasheet Search
  English  ▼

X  

UM803JS Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM803JS
Description  3-Pin Microprocessor Reset Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM803JS Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM803JS Datasheet HTML 3Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 4Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 5Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 6Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 7Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 8Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 9Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 10Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
7/11
UM803
allows either device to assert reset (Figure 2).
Figure 2. Interfacing to μPs with Bidirectional Reset I/O
UM803 Open-Drain RESET
______________
Output Allows Use with Multiple Supplies
Generally, the pull-up connected to the UM803 will connect to the supply voltage that is being
monitored at the IC’s VCC pin. However, some systems may use the open-drain output to level-shift
from the monitored supply to reset circuitry powered by some other supply (Figure 3). Note that as
the UM803’s VCC decreases below 1V, so does the IC’s ability to sink current at RESET
_____________
. Also, with
any pull-up, RESET
_____________
will be pulled high as VCC decays toward 0. The voltage where this occurs
depends on the pull-up resistor value and the voltage to which it is connected.
Figure 3. UM803 Open-Drain RESET
_____________
Output Allows Use with
Multiple Supplies
Benefits of Highly Accurate Reset Threshold
Most µP supervisor circuits have reset threshold voltages between 5% and 10% below the value of
nominal supply voltages. This ensures a reset will not occur within 5% of the nominal supply, but
will occur when the supply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%, this leaves a zone of uncertainty where the
supply is between 5% and 10% low, and where the reset may or may not be asserted.
The UM803L_/T_/Z_ use highly accurate circuitry to ensure that reset is asserted close to the 5%
limit, and long before the supply has declined to 10% below nominal.
UM803
UM803



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com