Electronic Components Datasheet Search
  English  ▼

X  

REF3020 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF3020
Description  50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3020 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3020 Datasheet HTML 5Page - Texas Instruments REF3020 Datasheet HTML 6Page - Texas Instruments REF3020 Datasheet HTML 7Page - Texas Instruments REF3020 Datasheet HTML 8Page - Texas Instruments REF3020 Datasheet HTML 9Page - Texas Instruments REF3020 Datasheet HTML 10Page - Texas Instruments REF3020 Datasheet HTML 11Page - Texas Instruments REF3020 Datasheet HTML 12Page - Texas Instruments REF3020 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGING INFORMATION
ORDERABLE DEVICE
STATUS(1)
PACKAGE TYPE
PACKAGE DRAWING
PINS
PACKAGE QTY
REF3012AIDBZR
ACTIVE
SOP
DBZ
3
3000
REF3012AIDBZT
ACTIVE
SOP
DBZ
3
250
REF3020AIDBZR
ACTIVE
SOP
DBZ
3
3000
REF3020AIDBZT
ACTIVE
SOP
DBZ
3
250
REF3025AIDBZR
ACTIVE
SOP
DBZ
3
3000
REF3025AIDBZT
ACTIVE
SOP
DBZ
3
250
REF3030AIDBZR
ACTIVE
SOP
DBZ
3
3000
REF3030AIDBZT
ACTIVE
SOP
DBZ
3
250
REF3033AIDBZR
ACTIVE
SOP
DBZ
3
3000
REF3033AIDBZT
ACTIVE
SOP
DBZ
3
250
REF3040AIDBZR
ACTIVE
SOP
DBZ
3
3000
REF3040AIDBZT
ACTIVE
SOP
DBZ
3
250
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Mar-2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com