Electronic Components Datasheet Search
  English  ▼

X  

REF3020 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # REF3020
Description  50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3020 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF3020 Datasheet HTML 5Page - Texas Instruments REF3020 Datasheet HTML 6Page - Texas Instruments REF3020 Datasheet HTML 7Page - Texas Instruments REF3020 Datasheet HTML 8Page - Texas Instruments REF3020 Datasheet HTML 9Page - Texas Instruments REF3020 Datasheet HTML 10Page - Texas Instruments REF3020 Datasheet HTML 11Page - Texas Instruments REF3020 Datasheet HTML 12Page - Texas Instruments REF3020 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MECHANICAL DATA
MPDS108 – AUGUST 2001
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DBZ (R-PDSO-G3)
PLASTIC SMALL-OUTLINE
0,55 REF
4203227/A 08/01
3,04
2,80
2,05
1,78
1,03
0,89
0,60
0,45
2,64
2,10
1,40
1,20
0,51
0,37
1,12
0,89
0,100
0,013
0,180
0,085
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Dimensions are inclusive of plating.
D. Dimensions are exclusive of mold flash and metal burr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com