Electronic Components Datasheet Search
  English  ▼

X  

REF3020 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF3020
Description  50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3020 Datasheet(HTML) 3 Page - Texas Instruments

  REF3020 Datasheet HTML 1Page - Texas Instruments REF3020 Datasheet HTML 2Page - Texas Instruments REF3020 Datasheet HTML 3Page - Texas Instruments REF3020 Datasheet HTML 4Page - Texas Instruments REF3020 Datasheet HTML 5Page - Texas Instruments REF3020 Datasheet HTML 6Page - Texas Instruments REF3020 Datasheet HTML 7Page - Texas Instruments REF3020 Datasheet HTML 8Page - Texas Instruments REF3020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
REF3012, 3020, 3025, 3030, 3033, 3040
3
SBVS032E
www.ti.com
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, ILOAD = 0mA, VIN = 5V, unless otherwise noted.
REF30xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REF3030 – 3.0V
OUTPUT VOLTAGE
V
OUT
2.994
3.0
3.006
V
Initial Accuracy
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
33
µVp-p
Voltage Noise
f = 10Hz to 10kHz
94
µVrms
LINE REGULATION
VREF + 50mV ≤ VIN ≤ 5.5V
120
375
µV/V
REF3033 – 3.3V
OUTPUT VOLTAGE
V
OUT
3.294
3.30
3.306
V
Initial Accuracy
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
36
µVp-p
Voltage Noise
f = 10Hz to 10kHz
105
µVrms
LINE REGULATION
VREF + 50mV ≤ VIN ≤ 5.5V
130
400
µV/V
REF3040 – 4.096V
OUTPUT VOLTAGE
V
OUT
4.088
4.096
4.104
V
Initial Accuracy
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
45
µVp-p
Voltage Noise
f = 10Hz to 10kHz
128
µVrms
LINE REGULATION
VREF + 50mV ≤ VIN ≤ 5.5V
160
410
µV/V
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
OUTPUT VOLTAGE TEMP DRIFT(2)
dV
OUT/dT
0
°C ≤ T
A ≤ +70°C
20
50
ppm/
°C
–30
°C ≤ T
A ≤ +85°C
28
60
ppm/
°C
–40
°C ≤ T
A ≤ +85°C
30
65
ppm/
°C
–40
°C ≤ T
A ≤ +125°C
35
75
ppm/
°C
LONG-TERM STABILITY
0-1000h
24
ppm
1000-2000h
15
ppm
LOAD REGULATION(3)
dVOUT/dILOAD
0mA < I
LOAD < 25mA,
3
100
µV/mA
VIN = VREF + 500mV(1)
THERMAL HYSTERESIS(4)
dT
25
100
ppm
DROPOUT VOLTAGE
VIN – VOUT
150
mV
SHORT-CIRCUIT CURRENT
I
SC
45
mA
TURN ON SETTLING TIME
to 0.1% at VIN = 5V with CL = 0
120
µs
POWER SUPPLY
Voltage
V
S
IL = 0
VREF + 0.001(5)
5.5
V
Over Temperature
–40
°C ≤ T
A ≤ +125°CVREF + 0.05
5.5
V
Quiescent Current
I
Q
42
50
µA
Over Temperature
–40
°C ≤ T
A ≤ +125°C59
µA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–40
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance
SOT23-3 Surface-Mount
θ
JC
110
°C/W
θ
JA
336
°C/W
NOTES: (1) Minimum supply voltage for REF3012 is 1.8V.
(2) Box Method used to determine over temperature drift.
(3) Typical value of load regulation reflects measurements using a force and sense contacts, see text
Load Regulation.
(4) Thermal hysteresis procedure is explained in more detail in Applications Information section of data sheet.
(5) For IL > 0, see Typical Characteristic curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com