Electronic Components Datasheet Search
  English  ▼

X  

NHQ035C Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # NHQ035C
Description  INTELLIGENT POWER DEVICE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHQ035C Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button NHQ035C Datasheet HTML 8Page - Renesas Technology Corp NHQ035C Datasheet HTML 9Page - Renesas Technology Corp NHQ035C Datasheet HTML 10Page - Renesas Technology Corp NHQ035C Datasheet HTML 11Page - Renesas Technology Corp NHQ035C Datasheet HTML 12Page - Renesas Technology Corp NHQ035C Datasheet HTML 13Page - Renesas Technology Corp NHQ035C Datasheet HTML 14Page - Renesas Technology Corp NHQ035C Datasheet HTML 15Page - Renesas Technology Corp NHQ035C Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
µ
PD166028T1K Datasheet
3. Specification
R07DS1162EJ0200 Rev.2.00
Page 12 of 40
May 22, 2015
Switching an inductive load
The dynamic clamp circuit works only when the inductive load is switched off. When the inductive load is switched off,
the voltage of OUT falls below 0V. The gate voltage of SW1 is then nearly equal to GND. Next, the voltage at the
source of SW1 (= gate of output MOS) falls below the GND voltage.
SW1 is turned on, and the clamp diode is connected to the gate of the output MOS, activating the dynamic clamp circuit.
When the over-voltage is applied to VCC, the gate voltage and source voltage of SW1 are both nearly equal to GND.
SW1 is not turned on, the clamp diode is not connected to the gate of the output MOS, and the dynamic clamp circuit is
not activated.
GND
OUT
ZDAZ
VCC
Internal ground
logic
RESD
RESD
ZDESD
IN
SEN
SW1
IS
ZDAZ
Vcc
Von,clamp
VIN
VOUT
IL
0
0
0
t
IIS
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com