Electronic Components Datasheet Search
  English  ▼

X  

NHQ035C Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # NHQ035C
Description  INTELLIGENT POWER DEVICE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHQ035C Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button NHQ035C Datasheet HTML 21Page - Renesas Technology Corp NHQ035C Datasheet HTML 22Page - Renesas Technology Corp NHQ035C Datasheet HTML 23Page - Renesas Technology Corp NHQ035C Datasheet HTML 24Page - Renesas Technology Corp NHQ035C Datasheet HTML 25Page - Renesas Technology Corp NHQ035C Datasheet HTML 26Page - Renesas Technology Corp NHQ035C Datasheet HTML 27Page - Renesas Technology Corp NHQ035C Datasheet HTML 28Page - Renesas Technology Corp NHQ035C Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
µ
PD166028T1K Datasheet
3. Specification
R07DS1162EJ0200 Rev.2.00
Page 25 of 40
May 22, 2015
3.6.8 Diagnostic signal
Truth table
SEN
Input
Output
Diagnostic output 2)
Normal Operation
H
H
VCC
IIS = IL/KILIS
L
L 1)
< 1µA (Iis,dis)
Shutdown by over
current detection
H
L 1)
Iis,fault 3)
L
L 1)
< 1µA (Iis,dis)
Power limitation
H
VOUT 6)
IIS = IL/KILIS in case of Von<Von(CL1)
Iis,fault 4) in case of Von>Von(CL1)
L 1)
Iis,fault 4)
L
L 1)
< 1µA (Iis,dis)
Thermal toggling
H
VOUT 6)
IIS = IL/KILIS in case of Von<Von(CL1)
Iis,fault 5) in case of Von>Von(CL1)
L 1)
Iis, fault 5)
L
L 1)
< 1µA (Iis,dis)
Short circuit to VCC
H
VCC
< 2µA (Iis,offset)
L
VOUT 7)
Iis,fault in case of VOUT>VOUT(OL)
Open Load
H
VCC
< 2µA (Iis,offset)
L
VOUT 7)
Iis,fault in case of VOUT>VOUT(OL)
X 8)
L
X 8)
X 8)
< 1µA (Iis,dis)
1) In case of OUT terminal is connected to GND via load.
2) In case of IS terminal is connected to GND via resister.
3) IS terminal keeps Iis,fault as long as input signal activate after the over current detection.
4) IS terminal keeps Iis,fault during power limitation if Von>Von(CL1).
5) IS terminal keeps Iis,fault during thermal toggling if Von>Von(CL1)..
6) VOUT depends on the short circuit condition
7) VOUT depends on the ratio of VCC-OUT-GND resistive component.
8) Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com