Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1T45DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45DBVT
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45DBVT Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1T45DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN74LVC1T45
SINGLEBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES515E − DECEMBER 2003 − REVISED MAY 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Notes 9 and 10)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
−40
°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −100 µA,
VI = VIH
1.65 V to 4.5 V
1.65 V to 4.5 V
VCCO−0.1
IOH = −4 mA,
VI = VIH
1.65V
1.65 V
1.2
VOH
IOH = −8 mA,
VI = VIH
2.3 V
2.3 V
1.9
V
VOH
IOH = −24 mA,
VI = VIH
3 V
3 V
2.4
V
IOH = −32 mA,
VI = VIH
4.5 V
4.5 V
3.8
IOL = 100 µA,
VI = VIL
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
IOL = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
VOL
IOL = 8 mA,
VI = VIL
2.3 V
2.3 V
0.3
V
VOL
IOL = 24 mA,
VI = VIL
3 V
3 V
0.55
V
IOL = 32 mA,
VI = VIL
4.5 V
4.5 V
0.55
II
DIR
input
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
Ioff
A port
VI or VO = 0 to 5.5 V
0 V
0 to 5.5 V
±1
±2
A
Ioff
B port
VI or VO = 0 to 5.5 V
0 to 5.5 V
0 V
±1
±2
µA
IOZ
A or B
ports
VO = VCCO or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
VI = VCCI or
1.65 V to 5.5 V
1.65 V to 5.5 V
3
ICCA
VI = VCCI or
GND
IO = 0
5.5 V
0 V
2
µA
ICCA
GND
IO = 0
0 V
5.5 V
0
µA
VI = VCCI or
1.65 V to 5.5 V
1.65 V to 5.5 V
3
ICCB
VI = VCCI or
GND
IO = 0
5.5 V
0 V
0
µA
ICCB
GND
IO = 0
0 V
5.5 V
2
µA
ICCA + ICCB
VI = VCCI or
GND
IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
4
µA
A port
A port at VCCA − 0.6 V,
DIR at VCCA, B port = OPEN
50
∆ICCA
DIR
DIR at VCCA − 0.6 V,
B port = OPEN,
A port at VCCA or GND
3 V to 5.5 V
3 V to 5.5 V
50
µA
∆ICCB B port
B port at VCCB − 0.6 V,
DIR at GND, A port = OPEN
3 V to 5.5 V
3 V to 5.5 V
50
µA
Ci
DIR
input
VI = VCCA or GND
3.3 V
3.3 V
2.5
pF
Cio
A or B
ports
VO = VCCA/B or GND
3.3 V
3.3 V
6
pF
NOTES:
9. VCCO is the VCC associated with the output port.
10. VCCI is the VCC associated with the input port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com