Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1T45DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45DBVT
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN74LVC1T45DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 18Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 19Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 20Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 21Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MECHANICAL DATA
MPDS114 – FEBRUARY 2002
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DCK (R-PDSO-G6)
PLASTIC SMALL-OUTLINE PACKAGE
0,15
Gage Plane
0,10
M
0,10
0,65
0
°–8°
0,46
0,26
0,13 NOM
4093553-3/D 01/02
0,15
0,30
1,40
1,10
2,40
1,80
4
6
2,15
1,85
1
3
1,10
0,80
0,10
0,00
Seating Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com