Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1T45DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45DBVT
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1T45DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SN74LVC1T45
SINGLEBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES515E − DECEMBER 2003 − REVISED MAY 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
TYPICAL PROPAGATION DELAY (A TO B) vs LOAD CAPACITANCE
TA = 25°C, VCCA = 1.8 V
0
1
2
3
4
5
6
7
8
9
0
5
10
15
20
25
30
35
CL − pF
10
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
0
1
2
3
4
5
6
7
8
9
10
05
10
15
20
25
30
35
CL − pF
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
TYPICAL PROPAGATION DELAY (B TO A) vs LOAD CAPACITANCE
TA = 25°C, VCCA = 1.8 V
0
5
10
15
20
25
30
35
CL − pF
0
1
2
3
4
5
6
7
8
9
10
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
0
1
2
3
4
5
6
7
8
9
10
05
10
15
20
25
30
35
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
CL − pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com