Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC7SLB9 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC7SLB9
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC7SLB9 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button COP8SAC7SLB9 Datasheet HTML 46Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 47Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 48Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 49Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 50Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 51Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 52Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 53Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
15.0 Development Tools Support (Continued)
MetaLink COP8-EPU
EPU-COP8SA
VL
1 = 110V, 2 = 220V; included p/s, 40 pin DIP target
cable, manuals, software, 16/20/28/40 DIP OTP
programming socket; add DM target adapter or OTP
adapter (if needed)
COP8-DM
DM4-COP8-SAx (10
MHz), plus PS-10, plus
DM-COP8/xxx (ie. 28D)
M
Included p/s (PS-10), target cable of choice (DIP or
PLCC; i.e. DM-COP8/28D), 16/20/28/40 DIP/SO and
44 PLCC programming sockets. Add OTP adapter (if
needed) and target adapter (if needed)
DM Target
Adapters
MHW-CNVxx (xx = 33, 34
etc.)
L
DM target converters for
16DIP/20SO/28SO/44QFP/28CSP; (i.e. MHW-CNV38
for 20 pin DIP to SO package converter)
OTP
Programming
Adapters
MHW-COP8-PGMA-DS
L
For programming 16/20/28 SOIC and 44 PLCC on the
EPU
MHW-COP8-PGMA-44QFP L
For programming 44 QFP on any programmer
MHW-COP8-PGMA-28CSP L
For programming 28 CSP on any programmer
IM-COP8
IM-COP8-AD-464 (-220)
(10 MHz maximum)
H
Base unit 10 MHz; -220 = 220V; add probe card
(required) and target adapter (if needed); included
software and manuals
IM Probe Card
PC-COP8SA28DW-AD-10
M
10 MHz 28 DIP probe card; 2.5V to 6.0V
PC-COP8SA40DW-AD-10
M
10 MHz 40 DIP probe card; 2.5V to 6.0V
IM Probe Target
Adapters
MHW-SOICxx (xx = 16,
20, 28)
L
16 or 20 or 28 pin SOIC adapter for probe card
MHW-CSPxx (xx = 20,
28)
M
20 or 28 pin CSP adapter for probe card
MHW-CONV33
L
44 pin QFP adapter for 44 PLCC probe card
ICU
COP8-EVAL-ICUxx Not available for this device
KKD
WCOP8-IDE
WCOP8-IDE
VL
Included in EPU and DM
IAR
EWCOP8-xx
See summary above
L - H
Included all software and manuals
Byte
Craft
COP8C
COP8C
M
Included all software and manuals
Aisys
DriveWay COP8
DriveWay COP8
L
Included all software and manuals
OTP Programmers
Contact vendors
L - H
For approved programmer listings and vendor
information go to our OTP Support page at:
www.national.com/cop8
Cost: Free; VL =< $100; L = $100 - $300; M = $300 - $1k; H = $1k - $3k; VH = $3k - $5k
www.national.com
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com