Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC7SLB9 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC7SLB9
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC7SLB9 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COP8SAC7SLB9 Datasheet HTML 10Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 11Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 12Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 13Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 14Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 15Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 16Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 17Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
5.0 Pin Descriptions
COP8SAx I/O structure minimizes external component re-
quirements. Software-switchable I/O enables designers to
reconfigure the microcontroller’s I/O functions with a
single instruction. Each individual I/O pin can be indepen-
dently configured as an output pin low, an output high, an
input with high impedance or an input with a weak pull-up
device. A typical example is the use of I/O pins as the key-
board matrix input lines. The input lines can be pro-
grammed with internal weak pull-ups so that the input
lines read logic high when the keys are all up. With a key
closure, the corresponding input line will read a logic zero
since the weak pull-up can easily be overdriven. When the
key is released, the internal weak pullup will pull the input
line back to logic high. This flexibility eliminates the need
for external pull-up resistors. The High current options are
available for driving LEDs, motors and speakers. This
flexibility helps to ensure a cleaner design, with less exter-
nal components and lower costs. Below is the general de-
scription of all available pins.
V
CC and GND are the power supply pins. All VCC and
GND pins must be connected.
CKI is the clock input. This can come from the Internal
R/C oscillator, external, or a crystal oscillator (in conjunc-
tion with CKO). See Oscillator Description section.
RESET is the master reset input. See Reset description
section.
The device contains four bidirectional 8-bit I/O ports (C, G,
L and F), where each individual bit may be independently
configured as an input (Schmitt trigger inputs on ports L
and G), output or TRI-STATE under program control.
Three data memory address locations are allocated for
each of these I/O ports. Each I/O port has two associated
8-bit memory mapped registers, the CONFIGURATION
register and the output DATA register. A memory mapped
address is also reserved for the input pins of each I/O
port. (See the memory map for the various addresses as-
sociated with the I/O ports.)
Figure 5 shows the I/O port
configurations. The DATA and CONFIGURATION regis-
ters allow for each port bit to be individually configured un-
der software control as shown below:
CONFIGURATION
DATA
Port Set-Up
Register
Register
0
0
Hi-Z Input
(TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
Port L is an 8-bit I/O port. All L-pins have Schmitt triggers on
the inputs.
Port L supports the Multi-Input Wake Up feature on all eight
pins. The 16-pin device does not have a full complement of
Port L pins. The unavailable pins are not terminated. A read
operation these unterminated pins are not terminated. A read
operation these unterminated pins will return unpredictable
values. To minimize current drain, the unavailable pins must
be programmed as outputs.
Port G is an 8-bit port. Pin G0, G2–G5 are bi-directional I/O
ports. Pin G6 is always a general purpose Hi-Z input. All pins
have Schmitt Triggers on their inputs. Pin G1 serves as the
dedicated WDOUT WATCHDOG output with weak pullup
if WATCHDOG feature is selected by the ECON register.
The pin is a general purpose I/O if WATCHDOG feature is
not selected. If WATCHDOG feature is selected, bit 1 of the
Port G configuration and data register does not have any ef-
fect on Pin G1 setup. Pin G7 is either input or output depend-
ing on the oscillator option selected. With the crystal oscilla-
tor option selected, G7 serves as the dedicated output pin for
the CKO clock output. With the internal R/C or the external
oscillator option selected, G7 serves as a general purpose
Hi-Z input pin and is also used to bring the device out of
HALT mode with a low to high transition on G7. There are
two registers associated with Port G, a data register and a
configuration register. Using these registers, each of the 5
I/O pins (G0, G2–G5) can be individually configured under
software control.
Since G6 is an input only pin and G7 is the dedicated CKO
clock output pin (crystal clock option) or general purpose in-
put (R/C or external clock option), the associated bits in the
data and configuration registers for G6 and G7 are used for
special purpose functions as outlined below. Reading the G6
and G7 data bits will return zeroes.
The device will be placed in the HALT mode by writing a “1”
to bit 7 of the Port G Data Register. Similarly the device will
be placed in the IDLE mode by writing a “1” to bit 6 of the
Port G Data Register.
Writing a “1” to bit 6 of the Port G Configuration Register en-
ables the MICROWIRE/PLUS to operate with the alternate
phase of the SK clock. The G7 configuration bit, if set high,
enables the clock start up delay after HALT when the R/C
clock configuration is used.
Config. Reg.
Data Reg.
G7
CLKDLY
HALT
G6
Alternate SK
IDLE
Port G has the following alternate features:
G6 SI (MICROWIRE Serial Data Input)
G5 SK (MICROWIRE Serial Clock)
G4 SO (MICROWIRE Serial Data Output)
G3 T1A (Timer T1 I/O)
G2 T1B (Timer T1 Capture Input)
G0 INTR (External Interrupt Input)
Port G has the following dedicated functions:
G7 CKO Oscillator dedicated output or general purpose in-
put
G1 WDOUT WATCHDOG and/or CLock Monitor if WATCH-
DOG enabled, otherwise it is a general purpose I/O
Port C is an 8-bit I/O port. The 40-pin device does not have
a full complement of Port C pins. The unavailable pins are
not terminated. A read operation on these unterminated pins
will return unpredictable values. Only the COP8SAC7 device
contains Port C. The 20/28 pin devices do not offer Port C.
On these devices, the associated Port C Data and Configu-
ration registers should not be used.
Port F is an 8-bit I/O port. The 28-pin device does not have
a full complement of Port F pins. The unavailable pins are
not terminated. A read operation on these unterminated pins
will return unpredictable values.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com