Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC7SLB9 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC7SLB9
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC7SLB9 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP8SAC7SLB9 Datasheet HTML 1Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 2Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 3Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 4Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 5Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 6Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 7Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 8Page - National Semiconductor (TI) COP8SAC7SLB9 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
COP8SA Family
8-Bit CMOS ROM Based and One-Time Programmable
(OTP) Microcontroller with 1k to 4k Memory, Power On
Reset, and Very Small Packaging
General Description
Note: COP8SAx devices are instruction set and pin com-
patible supersets of the COP800 Family devices, and are
replacements for these in new designs when possible.
The COPSAx Rom based and OTP microcontrollers are
highly integrated COP8™ feature core devices, with 1k to 4k
memory and advanced features including low EMI. These
single-chip CMOS devices are suited for low cost applica-
tions requiring a full featured controller, low EMI, and POR.
100% form-fit-function compatible OTP versions are avail-
able with 1k, 2k, and 4k memory, and in a variety of pack-
ages including 28-pin CSP. Erasable windowed versions are
available for use with a range of COP8 software and hard-
ware development tools.
Family features include an 8-bit memory mapped architec-
ture, 10 MHz CKI with 1 µs instruction cycle, one multi-
function
16-bit
timer/counter
with
PWM
output,
MICROWIRE/PLUS™ serial I/O, two power saving HALT/
IDLE modes, MIWU, idle timer, on-chip R/C oscillator, 12
high current outputs, user selectable options (WATCH-
DOG™, 4 clock/oscillator modes, power-on-reset), low EMI
2.7V to 5.5V operation, and 16/20/28/40/44 pin packages.
Devices included in this datasheet are:
Device
Memory
(bytes)
RAM
(bytes)
I/O Pins
Packages
Temperature
COP8SAA5
1k ROM
64
12/16/24
16/20/28 DIP/SOIC
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAB5
2k ROM
128
16/24
20/28 DIP/SOIC
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAC5
4k ROM
128
16/24/36/40
20/28 DIP/SOIC, 28 CSP,
40 DIP, 44 PLCC/QFP
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAA7
1k OTP EPROM
64
12/16/24
16/20/28 DIP/SOIC
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAB7
2k OTP EPROM
128
16/24
20/28 DIP/SOIC
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAC7
4k OTP EPROM
128
16/24
20/28 DIP/SOIC, 28 CSP,
40 DIP, 44 PLCC/QFP
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAA7SLB9
1k OTP EPROM
64
24
28 CSP
0 to +70˚C
COP8SAB7SLB9
2k OTP EPROM
128
24
28 CSP
0 to +70˚C
COP8SAC7SLB9
4k OTP EPROM
128
24
28 CSP
0 to +70˚C
COP8SAC7-Q3
4k EPROM
128
16/24/36
20/28/40 DIP
Room Temp. Only
COP8SAC7-J3
4k EPROM
128
40
44 PLCC
Room Temp. Only
Key Features
n Low cost 8-bit OTP microcontroller
n OTP program space with read/write protection (fully
secured)
n Quiet Design (low radiated emissions)
n Multi-Input Wakeup pins with optional interrupts
(4 to 8 pins)
n 8 bytes of user storage space in EPROM
n User selectable clock options
— Crystal/Resonator options
— Crystal/Resonator option with on-chip bias resistor
— External oscillator
— Internal R/C oscillator
n Internal Power-On Reset — user selectable
n WATCHDOG and Clock Monitor Logic — user selectable
n Up to 12 high current outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
MICROWIRE/PLUS™, COP8™, MICROWIRE™ and WATCHDOG™ are trademarks of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
PRELIMINARY
July 1999
© 1999 National Semiconductor Corporation
DS012838
www.national.com


Similar Part No. - COP8SAC7SLB9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SAC7SLB8 NSC-COP8SAC7SLB8 Datasheet
777Kb / 60P
8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Texas Instruments
COP8SAC7SLB8 TI-COP8SAC7SLB8 Datasheet
820Kb / 62P
8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
More results

Similar Description - COP8SAC7SLB9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
8-Bit One-Time Programmable OTP Microcontroller
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
8-Bit One-Time Programmable (OTP) Microcontroller
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
logo
Zilog, Inc.
Z8PE003 ZILOG-Z8PE003 Datasheet
539Kb / 48P
FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8SA NSC-COP8SA_00 Datasheet
777Kb / 60P
8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Texas Instruments
COP8SAA5 TI-COP8SAA5 Datasheet
820Kb / 62P
8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com