Electronic Components Datasheet Search
  English  ▼

X  

STV0674 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 8Page - STMicroelectronics STV0674 Datasheet HTML 9Page - STMicroelectronics STV0674 Datasheet HTML 10Page - STMicroelectronics STV0674 Datasheet HTML 11Page - STMicroelectronics STV0674 Datasheet HTML 12Page - STMicroelectronics STV0674 Datasheet HTML 13Page - STMicroelectronics STV0674 Datasheet HTML 14Page - STMicroelectronics STV0674 Datasheet HTML 15Page - STMicroelectronics STV0674 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Detailed Specifications
STV0674
12/35
Note: 1 VDI = |(D+) - (D-)|
2VCM includes VDI range.
3 These figures apply to sfp, sensor_clk, sensor_scl, sensor_sda, test_mode and sensor_db. They do
not apply to the XTAL_IN pad, these are specified separately.
4 In normal operation the actual device operating voltage is the worst case figure of the PLL and Core
supplies, or 1.60V to 1.95V.
5 Below measurable limits.
6 See Section 4.9
VCM
USB differential pad D+/D- common
mode voltage
0.8
2.5
V
Note 2
VOLU
USB differential pad D+/D- output low
voltage
0.0
0.3
V
VOHU
USB differential pad D+/D- output high
voltage
2.8
3.6
V
VOHU
USB differential pad D+/D- output high
voltage
2.8
3.6
V
VCRS
USB differential pad D+/D- output
signal cross over voltage
1.3
2.0
V
Zdrv
Driver output resistance
28
44
Ω
VIl
CMOS input low voltage (XTAL_IN)
0.631
V
VIH
CMOS input high voltage (XTAL_IN)
1.123
V
VHYS
Hysteresis (XTAL_IN)
0.492
V
VIl
CMOS input low voltage (TC pad)
0.35VDD
V
Note 3
VIH
CMOS input high voltage (TC pad)
0.65VD
D
V
Note 3
Vhyst
Schmitt trigger hysteresis
0.4
V
Note 3
VT+
CMOS schmitt input low to high
threshold voltage (TC pad)
2.15
V
Note 3
VT-
CMOS schmitt input high to low
threshold voltage (TC pad)
1.05
V
Note 3
VT
Threshold point (TC pad)
1.65
V
Note 3
VOH
Output high voltage (TC pad)
2.4
V
VOL
Output low voltage (TC pad)
0.4
V
Table 1: DC characteristics
Parameter
Description
Min
Typ.
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com