Electronic Components Datasheet Search
  English  ▼

X  

STV0674 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 16Page - STMicroelectronics STV0674 Datasheet HTML 17Page - STMicroelectronics STV0674 Datasheet HTML 18Page - STMicroelectronics STV0674 Datasheet HTML 19Page - STMicroelectronics STV0674 Datasheet HTML 20Page - STMicroelectronics STV0674 Datasheet HTML 21Page - STMicroelectronics STV0674 Datasheet HTML 22Page - STMicroelectronics STV0674 Datasheet HTML 23Page - STMicroelectronics STV0674 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Detailed Specifications
STV0674
20/35
4.5
USB interface
4.5.1
AC electrical characteristics of USB transceiver
All measurements are fully electrically compliant to Chapter 7 (Electrical requirements) of revision 2
of the USB specification for full-speed devices (V1.1). The transceiver has been tested with external
impedance-matching series resistors (27
+/-5%) between the pads and the USB cable.
Table 4: AC characteristics of USB transceiver
Parameter
Description
Min
Typ.
Max
Units
TRANSMIT /OUTPUT STAGE
tlr
fall time
4.45
5.82
7.31
ns
tlf
rise time
4.55
5.77
6.81
ns
tlrfm
rise and fall time matching
90
111
%
SYSTEM
Rpu
USB differential pad Dp,
Dn pullup Resistor
1.425
1.575
k
Rpd
USB differential pad Dp,
Dn pulldown Resistor
14.25
15.75
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com