Electronic Components Datasheet Search
  English  ▼

X  

STV0674 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 10Page - STMicroelectronics STV0674 Datasheet HTML 11Page - STMicroelectronics STV0674 Datasheet HTML 12Page - STMicroelectronics STV0674 Datasheet HTML 13Page - STMicroelectronics STV0674 Datasheet HTML 14Page - STMicroelectronics STV0674 Datasheet HTML 15Page - STMicroelectronics STV0674 Datasheet HTML 16Page - STMicroelectronics STV0674 Datasheet HTML 17Page - STMicroelectronics STV0674 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Detailed Specifications
STV0674
14/35
Note: 1 The SDRAM interface is designed to operate with SDRAM devices which are compliant with the
Intel SDRAM Specification Revision 1.7 November 1999. Speed grades 66, 100 and 133MHz are
compatible.
2 Above timing assumes 20pF load per pad.
Figure 4: SDRAM write timing
Table 2: SDRAM timing
Symbol
Min
Typ.
Max
Units
Symbol
Min
Typ.
Max
Units
tCK
41.67
ns
tDS
20.12
ns
tCH
20.11
20.83
21.55
tCK
tDH
21.82
ns
tCL
20.11
20.83
21.55
tCK
tRCD
1tCK
tAC
24.76
ns
tRAS
2tCK
tOH
0ns
tRC
4tCK
tCMS
20.27
ns
tRP
2tCK
tCMH
20.02
ns
tRRD
2tCK
tAS
20.67
ns
tAH
19.79
ns
DCLK
Command
DQM
A0-9,BA
A10
ACTIVE
WRITE
NOP
PRECHARGE
NOP
ROW
COLUMN
ROW
DIN M
DIN M + 1
DIN M + 2
DIN M + 3
DQ
tCK
tRCD
tRC
CKE
tRAS
tRP
tCMS tCMH
tAS
tAH
tCL
tCH
tCMS
tCMH
tDS
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com