Electronic Components Datasheet Search
  English  ▼

X  

DAC0854 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0854
Description  8-Bit Voltage-Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0854 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DAC0854 Datasheet HTML 1Page - National Semiconductor (TI) DAC0854 Datasheet HTML 2Page - National Semiconductor (TI) DAC0854 Datasheet HTML 3Page - National Semiconductor (TI) DAC0854 Datasheet HTML 4Page - National Semiconductor (TI) DAC0854 Datasheet HTML 5Page - National Semiconductor (TI) DAC0854 Datasheet HTML 6Page - National Semiconductor (TI) DAC0854 Datasheet HTML 7Page - National Semiconductor (TI) DAC0854 Datasheet HTML 8Page - National Semiconductor (TI) DAC0854 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for AVCC e DVCC e 5V VREF e 265V VBIAS e 14V RL e 2kX (RL is the load resistor on
the analog outputs – pins 1 11 14 and 19) and fCLK e 10 MHz unless otherwise specified Boldface limits apply for TA
e
TJ from TMIN to TMAX All other limits apply for TA e 25 C
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 3)
(Note 4)
(Limits)
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
VIN(1)
Logical ‘‘1’’ Input Voltage
AVCC e DVCC e 55V
20
V (min)
VIN(0)
Logical ‘‘0’’ Input Voltage
AVCC e DVCC e 45V
08
V (max)
IIL
Digital Input Leakage Current
1
5
m
A (max)
CIN
Input Capacitance
4
pF
COUT
Output Capacitance
5
pF
VOUT(1)
Logical ‘‘1’’ Output Voltage
ISOURCE e 08 mA
24
V (min)
VOUT(0)
Logical ‘‘0’’ Output Voltage
ISINK e 32 mA
04
V (max)
VINT
Interrupt Pin Output Voltage
10 kX Pullup
04
V (max)
IS
Supply Current
Outputs Unloaded
14
19
mA
REFERENCE INPUT CHARACTERISTICS
VREF
Input Voltage Range
0 – 275
V
RREF
Input Resistance
7
4
kX (min)
10
kX (max)
CREF
Input Capacitance
Full-Scale Data Input
40
pF
VBIAS INPUT CHARACTERISTICS
VBIAS
VBIAS Input Voltage Range
03 – 14
V
Input Leakage
1
m
A
CBIAS
Input Capacitance
9
pF
BANDGAP REFERENCE CHARACTERISTICS
(CL e 220mF)
VREFOUT
Output Voltage
265 g 2%
V
D
VREF DT
Tempco
(Note 23)
22
ppm C
Line Regulation
45V k VCC k 55V IL e 4mA
2
5
mV
D
VREF DIL
Load Regulation
0 k IL k 4mA
2
6
mV
0 k IL k 4 mA CMJ Suffix
2
15
mV
b
1 k IL k 0 mA
25
mV
ISC
Short Circuit Current
VREFOUT e 0V
12
mA
AC ELECTRICAL CHARACTERISTICS
tDS
Data Setup Time
10
ns (min)
tDH
Data Hold Time
0
ns (min)
tCS
Control Setup Time
15
ns (min)
tCH
Control Hold Time
0
ns (min)
tMIN
Clock Frequency
10
MHz (max)
tH
Minimum Clock High Time
20
ns (min)
tL
Minimum Clock Low Time
40
ns (min)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com