Electronic Components Datasheet Search
  English  ▼

X  

DAC0854 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0854
Description  8-Bit Voltage-Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0854 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC0854 Datasheet HTML 1Page - National Semiconductor (TI) DAC0854 Datasheet HTML 2Page - National Semiconductor (TI) DAC0854 Datasheet HTML 3Page - National Semiconductor (TI) DAC0854 Datasheet HTML 4Page - National Semiconductor (TI) DAC0854 Datasheet HTML 5Page - National Semiconductor (TI) DAC0854 Datasheet HTML 6Page - National Semiconductor (TI) DAC0854 Datasheet HTML 7Page - National Semiconductor (TI) DAC0854 Datasheet HTML 8Page - National Semiconductor (TI) DAC0854 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
(Note 24)
Supply Voltage (AVCC DVCC)7V
Supply Voltage Difference (AVCC–DVCC)
g
55V
Voltage at Any Pin (Note 3)
GND b03V to
AVCC DVCC a03V
Input Current at Any Pin (Note 3)
5 mA
Package Input Current (Note 4)
20 mA
Power Dissipation (Note 5)
105 mW
ESD Susceptibility (Note 6)
1250V
Soldering Information
J Package (10 sec)
300 C
N Package (10 sec)
260 C
SO Package
Vapor Phase (60 sec)
215 C
Infrared (15 sec) (Note 7)
220 C
Storage Temperature
b
65 Cto a150 C
Operating Ratings (Notes12)
Supply Voltage
45V to 55V
Supply Voltage Difference (AVCC b DVCC)
g
IV
Temperature Range
TMIN k TA k TMAX
DAC0854BIN DAC0854CIN
DAC0854CIJ DAC0854BIWM
DAC0854CIWM
b
40 C k TA k 85 C
DAC0854CMJ883
b
55 C k TA k 125 C
Converter Electrical Characteristics
The following specifications apply for AVCC e DVCC e 5V VREF e 265V VBIAS e 14V RL e 2kX (RL is the load resistor on
the analog outputs – pins 1 11 14 and 19) and fCLK e 10 MHz unless otherwise specified Boldface limits apply for TA
e
TJ from TMIN to TMAX All other limits apply for TA e 25 C
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 8)
(Note 9)
(Limits)
STATIC CHARACTERISTICS
n
Resolution
fCLK e 10 MHz
8
8
bits
Monotonicity
(Note 10)
8
8
bits
Integral Linearity Error
(Note 11)
DAC0854BIN DAC0854BIWM
g
05
LSB (max)
DAC0854CIN DAC0854CIJ
DAC0854CIWM DAC0854CMJ
g
10
LSB (max)
Differential Linearity Error
g
10
LSB (max)
Fullscale Error
(Note 12)
g
35
mV
Fullscale Error Tempco
(Note 13)
b
30
ppm C
Zero Error
(Note 14)
g
35
mV
Zero Error Tempco
(Note 13)
b
30
ppm C
Power Supply Sensitivity
(Note 15)
b
42
b
34
dB (max)
DYNAMIC CHARACTERISTICS
tsa
Positive Voltage Output
(Note 16)
15
21
m
s
Settling Time
CL e 200 pF
tsb
Negative Voltage Output
(Note 16)
18
27
m
s
Settling Time
CL e 200 pF
Digital Crosstalk
(Note 17)
18
mVp-p
Digital Feedthrough
(Note 18)
85
mVp-p
Clock Feedthrough
(Note 19)
33
mVp-p
Channel-to-Channel Isolation
(Note 20)
b
78
dB
Glitch Energy
(Note 21)
7
nVbs
Peak Value of Largest Glitch
38
mV
PSRR
Power Supply Rejection Ratio
(Note 22)
b
49
dB
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com