Electronic Components Datasheet Search
  English  ▼

X  

DAC0854 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0854
Description  8-Bit Voltage-Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0854 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DAC0854 Datasheet HTML 4Page - National Semiconductor (TI) DAC0854 Datasheet HTML 5Page - National Semiconductor (TI) DAC0854 Datasheet HTML 6Page - National Semiconductor (TI) DAC0854 Datasheet HTML 7Page - National Semiconductor (TI) DAC0854 Datasheet HTML 8Page - National Semiconductor (TI) DAC0854 Datasheet HTML 9Page - National Semiconductor (TI) DAC0854 Datasheet HTML 10Page - National Semiconductor (TI) DAC0854 Datasheet HTML 11Page - National Semiconductor (TI) DAC0854 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Block Diagram
TLH11261 – 15
Pin Description
VOUT1(19)
The voltage output connections of the
VOUT2(1)
four DACS These provide output
VOUT3(14)
voltages in the range 03V – 28V
VOUT4(11)
VREFOUT(16)
The internal voltage reference output
The output of the reference is 265V
g
2% This pin should be bypassed with
a 220 mF capacitor
VBIAS1(2)
VBIAS1 is connected to the non-inverting
VBIAS2(13)
inputs of output amplifiers 1 and 2
thereby setting the virtual ground
voltage for DAC’s 1 and 2 while VBIAS2
performs this function for DAC’s 3 and 4
The allowed range is 03V – 14V
GND(7)
The system ground pin Connect to
clean ground point
DVCC(10)
The digital and analog power supply
AVCC(17)
pins The power supply range of the
DAC0854 is 45V – 55V To guarantee
accuracy it is required that the AVCC
and DVCC pins be bypassed separately
with bypass capacitors of 10 mF
tantalum in parallel with 01 mF ceramic
AU(4)
When this pin is taken low all DAC outputs
will be asynchronously updated CS must be
held high during the update
VREF1(18)
The voltage reference inputs for the four
VREF2(20)
DACs The allowed range is 0V – 275V
VREF3(15)
VREF4(12)
CS(3)
The Chip Select control input This input is
active low
CLK(5)
The external clock input pin
DI(9)
The serial data input The data is clocked in
LSB first Preceding the data byte are 4 or 6
bits of instructions
DO(6)
The serial data output The data can be
clocked out either MSB or LSB first and on
either the positive or negative edge of the
clock
INT(8)
The power interrupt output On an
interruption of the power supply this pin
goes low Since this pin has an open drain
output a 10 kX pull-up resistor must be
connected to the supply
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com