Electronic Components Datasheet Search
  English  ▼

X  

CPC7691 Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC7691
Description  Drop-In Replacement for CPC7591
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7691 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC7691 Datasheet HTML 7Page - IXYS Corporation CPC7691 Datasheet HTML 8Page - IXYS Corporation CPC7691 Datasheet HTML 9Page - IXYS Corporation CPC7691 Datasheet HTML 10Page - IXYS Corporation CPC7691 Datasheet HTML 11Page - IXYS Corporation CPC7691 Datasheet HTML 12Page - IXYS Corporation CPC7691 Datasheet HTML 13Page - IXYS Corporation CPC7691 Datasheet HTML 14Page - IXYS Corporation CPC7691 Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7691
R01
www.ixysic.com
11
Under all start-up situations the CPC7691 will
condition the internal switch control logic for the All-Off
state thereby ensuring all of the switches will remain
off during power-up. When VDD requirements have
been satisfied the LCAS will complete it’s start-up
procedure in one of three conditions.
For start-up scenario 1, the CPC7691 will transition
from the All-Off state to the state defined by the
INRINGING input when VDD is valid.
For start-up scenarios 2, 3, 5, and 6, the CPC7691 will
power up in the All-Off state and remain there until the
LATCH pin is pulled low. This allows for an indefinite
All-Off state for boards inserted into a powered system
but are not configured for service or boards that need
to wait for other devices to be configured first.
Scenario 4 will start up with all switches in the All-Off
state, but upon the acceptance of a valid VDD the
LCAS will revert to either the Talk state or the Ringing
state, and thereafter may randomly change states
based on input pin leakage currents and loading. This
start-up condition should never be utilized as the
LCAS state after power-up can not be predicted.
For the start-up scenario when TSD = 0 the CPC7691
will condition the internal control logic for the All-Off
state as it does when TSD  0. Start-up behavior with
an initial TSD = 0 is dependent on when TSD is
released with respect to the status of the Under
Voltage Lock Out circuitry. Releasing TSD (which
allows the internal pull-up to raise the input from a
logic level low to a logic level high before, or
concurrent with, the Under Voltage Lock Out
deactivation) has no effect on the start-up behavior,
and the start-up scenarios previously described are
applicable.
With TSD held low beyond the deactivation of the
internal Under Voltage Lock Out control, the device will
remain in the All-Off state regardless of the levels on
the INRINGING or LATCH inputs. However, it is
important to note that the LATCH is fully functional
once the Under Voltage Lock Out deactivates. This
allows the LATCH to be preconfigured to the state
desired with the release of TSD.
2.6 VBAT Pin
Although battery power is not used for switch control, it
is required to direct negative potential faults away from
the SLIC. Because the CPC7691 requires VBAT to
protect the SLIC from negative potential faults, the
CPC7691 will deactivate and enter the All-Off state
whenever VBAT is unavailable.
2.6.1 Protection
In the presence of a negative potential fault the
CPC7691BA will draw current from VBAT to supply
trigger current for the internal integrated protection
circuitry SCR. This integrated SCR is designed to
activate whenever the voltage at TBAT or RBAT drops
2V to 4V below the applied voltage on the VBAT pin.
Because the battery supply at this pin is required to
source trigger current during negative over-voltage
fault conditions at tip and ring, it is important that the
net supplying this current be a low impedance path for
high speed transients such as lightning. This will
permit trigger currents to flow enabling the SCR to
activate, and thereby prevent a fault induced negative
over-voltage event at the TBAT or RBAT nodes.
Although the CPC7691BB does not have the SCR for
negative potential fault protection, it utilizes a power
switching diode from each of the TBAT and RBAT nodes
to VBAT, which forward conduct in the presence of
potentials at these nodes more negative than VBAT.
Proper protection requires VBAT to supply sufficient
current to counter the transient fault currents restricted
by the current limit functions of the break switches.
2.6.2 Battery Voltage Monitor
The CPC7691 also uses the VBAT pin to monitor the
battery voltage. If system battery voltage is lost, the
CPC7691 immediately enters the All-Off state, and
remains in this state until the battery voltage is
restored. An internal detector monitoring the system
battery voltage forces the All-Off state anytime the
battery voltage goes more positive than –10V. The
All-Off state is maintained until the battery voltage
goes more negative than –15 V. This battery monitor
feature draws a small current from VBAT (typically
<1
A) and will add slightly to the device’s overall
power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com