Electronic Components Datasheet Search
  English  ▼

X  

CPC7691 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7691
Description  Drop-In Replacement for CPC7591
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7691 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7691 Datasheet HTML 1Page - IXYS Corporation CPC7691 Datasheet HTML 2Page - IXYS Corporation CPC7691 Datasheet HTML 3Page - IXYS Corporation CPC7691 Datasheet HTML 4Page - IXYS Corporation CPC7691 Datasheet HTML 5Page - IXYS Corporation CPC7691 Datasheet HTML 6Page - IXYS Corporation CPC7691 Datasheet HTML 7Page - IXYS Corporation CPC7691 Datasheet HTML 8Page - IXYS Corporation CPC7691 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7691
R01
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pinout
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25
C.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 ESD Rating
1.5 General Conditions
Unless otherwise specified, minimum and maximum
values are guaranteed by production testing
requirements.
Typical values are characteristic of the device at
+25
C and are the result of engineering evaluations.
They are provided for information purposes only and
are not part of the manufacturing testing requirements.
Specifications cover the operating temperature range
TA = -40C to +85C. Also, unless otherwise specified
all testing is performed with VDD = 5VDC, logic low
input voltage is 0VDC and logic high voltage is 5VDC.
Pin
Name
Description
1
FGND
Fault ground.
2
TBAT
Tip lead to the SLIC.
3
TLINE
Tip lead of the line side.
4
NC
No connection.
5
NC
No connection.
6
TRINGING Ringing generator return.
7
VDD
+5V supply.
8
TSD
Temperature shutdown pin.
9
DGND
Digital ground.
10
INRINGING Logic control input.
11
LATCH
Data latch enable control input.
12
RRINGING Ringing generator source.
13
NC
No connection.
14
RLINE
Ring lead of the line side.
15
RBAT
Ring lead to the SLIC.
16
VBAT
Battery supply.
CPC7691
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
T
BAT
F
GND
T
LINE
NC
NC
T
RINGING
V
DD
T
SD
V
BAT
R
BAT
R
LINE
NC
R
RINGING
LATCH
IN
RINGING
D
GND
Parameter
Minimum Maximum
Unit
+5V power supply (VDD)
-0.3
7
V
Battery Supply
-
-85
V
DGND to FGND Separation
-5
+5
V
Logic input voltage
-0.3
VDD + 0.3
V
Logic input to switch output
isolation
-
320
V
Switch open-contact
isolation (SW1, SW2, SW3)
-
320
V
Switch open-contact
isolation (SW4)
-
465
V
Operating relative humidity
5
95
%
Operating temperature
-40
+110
C
Storage temperature
-40
+150
C
ESD Rating (Human Body Model)
1000V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com