Electronic Components Datasheet Search
  English  ▼

X  

CPC7691 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7691
Description  Drop-In Replacement for CPC7591
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7691 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7691 Datasheet HTML 1Page - IXYS Corporation CPC7691 Datasheet HTML 2Page - IXYS Corporation CPC7691 Datasheet HTML 3Page - IXYS Corporation CPC7691 Datasheet HTML 4Page - IXYS Corporation CPC7691 Datasheet HTML 5Page - IXYS Corporation CPC7691 Datasheet HTML 6Page - IXYS Corporation CPC7691 Datasheet HTML 7Page - IXYS Corporation CPC7691 Datasheet HTML 8Page - IXYS Corporation CPC7691 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7691-R01
www.ixysic.com
1
e3
Pb
CPC7691
Line Card Access Switch
Features
• Improved switch dV/dt immunity of 1500V/
s
• Drop-In Replacement for CPC7591
• Replaces CPC7581, and allows removal of
power-up control discrete components
• TTL logic level inputs for 3.3V logic interfaces
• Smart logic for power-up / hot-plug state control
• Small 16-pin SOIC package
• Monolithic IC reliability
• Low, matched R
ON
• Eliminates the need for zero-cross switching
• Flexible switch timing for transition from ringing
mode to idle/talk mode.
• Clean, bounce-free switching
• Tertiary protection consisting of integrated current
limiting, voltage clamping, and thermal shutdown for
SLIC protection
• 5V operation with power consumption < 10.5 mW
• Intelligent battery monitor
• Latched logic-level inputs, no external drive circuitry
Applications
• VoIP Gateways
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7691 is a member of IXYS Integrated
Circuits Division’s third-generation Line Card Access
Switch (LCAS) family. This monolithic 4-pole solid
state switch, available in a 16-pin SOIC package,
provides the necessary functions to replace the
2-Form-C electromechanical ringing relay and it’s
associated snubber circuitry on traditional analog line
cards or contemporary integrated voice and data (IVD)
line cards found in Central Office (CO), Access, and
PBX equipment. Because this device contains solid
state switches for tip and ring line break and for ringing
injection/return, it requires only a +5V supply for
operation and TTL logic-level inputs for control. The
CPC7691 provides stable start-up conditioning during
system power-up and for hot plug insertion
applications. Once active, the inputs respond to
traditional TTL logic levels, enabling the CPC7691 to
be used with 3.3V-only logic.
For negative transient voltage protection the
CPC7691BA version employs SCRs to provide
voltage fold-back protection for the SLIC and
subsequent circuitry, while the CPC7691BB version
utilizes clamping diodes to the VBAT pin. For positive
transient voltage protection all versions provide
clamping diodes to the FGND pin.
Ordering Information
Figure 1. CPC7691 Block Diagram
Device
Description
CPC7691BA
With Protection SCR, in Tubes (50/Tube)
CPC7691BATR With Protection SCR, Tape & Reel (1000/Reel)
CPC7691BB
Without Protection SCR, in Tubes (50/Tube)
CPC7691BBTR Without Protection SCR, Tape & Reel (1000/Reel)
CPC7691
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
RINGING
T
SD
LATCH
3
6
14
2
7
8
9
16
1
12
15
10
11
L
A
T
C
H
Switch
Control
Logic
SCR Trip Circuit
(CPC7691BA)
+5 V
DC
Tip
Ring
SLIC
Secondary
Protection
X
X
X
X
SW2
SW4
RINGING
300
(min.)
Ω
T
RINGING
SW3
SW1
V
BAT
R
RINGING


Similar Part No. - CPC7691

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC7691BA CLARE-CPC7691BA Datasheet
481Kb / 17P
Line Card Access Switch
CPC7691BATR CLARE-CPC7691BATR Datasheet
481Kb / 17P
Line Card Access Switch
CPC7691BB CLARE-CPC7691BB Datasheet
481Kb / 17P
Line Card Access Switch
CPC7691BBTR CLARE-CPC7691BBTR Datasheet
481Kb / 17P
Line Card Access Switch
More results

Similar Description - CPC7691

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
38BX-4-H-3-N GRAYHILL-38BX-4-H-3-N Datasheet
216Kb / 1P
Drop-In Replacement for Industry Standard
logo
IXYS Corporation
CPC7692 IXYS-CPC7692 Datasheet
281Kb / 18P
Drop-in replacement for CPC7592
logo
ILSI America LLC
IM802 ILSI-IM802 Datasheet
781Kb / 9P
Direct pin to pin drop-in replacement for industry-standard packages
IM811 ILSI-IM811 Datasheet
540Kb / 7P
Direct pin to pin drop-in replacement for industry-standard packages
IM840 ILSI-IM840 Datasheet
414Kb / 7P
Direct pin to pin drop-in replacement for industry-standard packages
logo
TT Electronics.
SPH TTELEC-SPH Datasheet
1Mb / 4P
Drop-in replacement for BWH/BWF
logo
Pentair plc. All rights...
CG5-10S PENTAIR-CG5-10S Datasheet
288Kb / 2P
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG5-20S PENTAIR-CG5-20S Datasheet
284Kb / 2P
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG53-10 PENTAIR-CG53-10 Datasheet
288Kb / 2P
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CGT-10S PENTAIR-CGT-10S Datasheet
218Kb / 2P
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com