Electronic Components Datasheet Search
  English  ▼

X  

TDA8029 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8029
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8029 Datasheet HTML 22Page - NXP Semiconductors TDA8029 Datasheet HTML 23Page - NXP Semiconductors TDA8029 Datasheet HTML 24Page - NXP Semiconductors TDA8029 Datasheet HTML 25Page - NXP Semiconductors TDA8029 Datasheet HTML 26Page - NXP Semiconductors TDA8029 Datasheet HTML 27Page - NXP Semiconductors TDA8029 Datasheet HTML 28Page - NXP Semiconductors TDA8029 Datasheet HTML 29Page - NXP Semiconductors TDA8029 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
2003 Oct 30
26
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
handbook, full pagewidth
MCE651
512-BYTE
XRAM
BY
MOVX
EXTERNAL
DATA
MEMORY
UPPER
128-BYTE
INTERNAL
RAM
LOWER
128-BYTE
INTERNAL
RAM
SPECIAL
FUNCTION
REGISTERS
FFFFh
200h
00h
00h
80h
FFh
00h
80h
FFh
00h
1FFh
Fig.9 Internal and external data memory address space with EXTRAM = 0.
8.6.1
AUXILIARY REGISTER (AUXR)
Table 29 Auxiliary register bits
Table 30 Description of register bits
Note
1. Do not write logic 1s to reserved bits. These bits may be used in future 80C51 family products to invoke new features.
In that case, the reset or inactive value of the new bit will be logic 0, and its active value will be logic 1. The value
read from a reserved bit is indeterminate.
8.7
Reduced EMI mode
When bit AO = 1 (bit 0 in the AUXR register), the ALE output is disabled.
BIT
7
6
543210
Symbol
−
−
−−−−
EXTRAM
AO
BIT
SYMBOL
DESCRIPTION
7to2
−
Not implemented. Reserved for future use; note 1.
1
EXTRAM
External RAM access. Internal or external RAM access using MOVX @Ri/@DPTR.
If EXTRAM = 0, internal expanded RAM (0000h to 01FFh) access using
MOVX @Ri/@DPTR; if EXTRAM = 1, external data memory access.
0AO
ALE enable or disable. If AO = 0, ALE is emitted at a constant rate of 1/6fXTAL;ifAO = 1,
ALE is active only during a MOVX or MOVC instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com