Electronic Components Datasheet Search
  English  ▼

X  

TDA8029 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8029
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8029 Datasheet HTML 1Page - NXP Semiconductors TDA8029 Datasheet HTML 2Page - NXP Semiconductors TDA8029 Datasheet HTML 3Page - NXP Semiconductors TDA8029 Datasheet HTML 4Page - NXP Semiconductors TDA8029 Datasheet HTML 5Page - NXP Semiconductors TDA8029 Datasheet HTML 6Page - NXP Semiconductors TDA8029 Datasheet HTML 7Page - NXP Semiconductors TDA8029 Datasheet HTML 8Page - NXP Semiconductors TDA8029 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
2003 Oct 30
4
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.7
−
6.0
V
VDCIN
input voltage for the DC/DC
converter
VDD
−
6.0
V
IDD(sd)
supply current in shut-down
mode
VDD = 3.3 V
−−
20
µA
IDD(pd)
supply current in Power-down
mode
VDD = 3.3 V; card inactive;
microcontroller in Power-down
mode
−−
110
µA
IDD(sl)
supply current in Sleep mode
VDD = 3.3 V; card active at
VCC = 5 V; clock stopped;
microcontroller in Power-down
mode; ICC =0 µA
−−
675
µA
IDD(om)
supply current in operating
mode
ICC = 65 mA; fXTAL = 20 MHz;
fCLK = 10 MHz; 5 V card;
VDD = 2.7 V
−−
250
mA
VCC
card supply voltage
active mode including static
loads; ICC < 65 mA; 5 V card
4.75
5.0
5.25
V
active mode; current pulses of
40 nAs with I < 200 mA,
t < 400 ns, f < 20 MHz; 5 V card
4.6
−
5.4
V
active mode including static
loads; ICC < 65 mA; VDD > 3.0 V;
3 V card
2.78
3
3.22
V
active mode; current pulses of
24 nAs with I < 200 mA,
t < 400 ns, f < 20 MHz; 3 V card
2.75
−
3.25
V
active mode including static
loads; ICC < 30 mA; 1.8 V card
1.62
1.8
1.98
V
active mode; current pulses of
12 nAs with I < 200 mA,
t < 400 ns, f < 20 MHz;
1.8 V card
1.62
−
1.98
V
ICC
card supply current
5 V card; VCC =0to 5V
−−
65
mA
3 V card; VCC = 0 to 3 V;
VDD > 3.0 V
−−
65
mA
1.8 V card; VCC = 0 to 1.8 V
−−
30
mA
ICC(det)
overload detection current
−
100
−
mA
SRr, SRf
rise and fall slew rate on VCC
maximum load capacitor 300 nF
0.05
0.16
0.22
V/
µs
tde
deactivation sequence
duration
−−
100
µs
tact
activation sequence duration
−−
130
µs
fXTAL
crystal frequency
VDD =5V
4
−
27
MHz
VDD <3V
4
−
16
MHz
Tamb
ambient temperature
−40
−
+90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com