Electronic Components Datasheet Search
  English  ▼

X  

TDA8029 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA8029
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA8029 Datasheet HTML 28Page - NXP Semiconductors TDA8029 Datasheet HTML 29Page - NXP Semiconductors TDA8029 Datasheet HTML 30Page - NXP Semiconductors TDA8029 Datasheet HTML 31Page - NXP Semiconductors TDA8029 Datasheet HTML 32Page - NXP Semiconductors TDA8029 Datasheet HTML 33Page - NXP Semiconductors TDA8029 Datasheet HTML 34Page - NXP Semiconductors TDA8029 Datasheet HTML 35Page - NXP Semiconductors TDA8029 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
2003 Oct 30
32
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.10.2.2
UART Receive Register (URR)
Table 46 UART receive register, address Dh, read
Table 47 Description of register bits
BIT
7
6
543210
Symbol
UR7
UR6
UR5
UR4
UR3
UR2
UR1
UR0
Reset value
0
0
0
00000
BIT
SYMBOL
DESCRIPTION
7 to 0
UR[7:0]
UART receive bits. When the microcontroller wants to read data from the card, it reads
it from this register in direct convention:
• With a synchronous card, only UR0 is relevant and is a copy of the state of the selected
card I/O
• When needed, this register may be tied to a FIFO whose length ‘n’ is programmable
between 1 and 8; if n > 1, then no interrupt is given until the FIFO is full and the
controller may empty the FIFO when required
• With a parity error:
– In protocol T = 0, the received byte is not stored in the FIFO and the error counter is
incremented. The error counter is programmable between 1 and 8. When the
programmed number is reached, then bit PE is set in the status register USR and
INT0_N falls LOW. The error counter must be reprogrammed to the desired value
after its count has been reached
– In protocol T = 1, the character is loaded in the FIFO and the bit PE is set to the
programmed value in the parity error counter.
• When the FIFO is full, then bit RBF in the status register USR is set. This bit is reset
when at least one character has been read from URR
• When the FIFO is empty, then bit FE is set in the status register USR as long as no
character has been received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com