Electronic Components Datasheet Search
  English  ▼

X  

TPS70448 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS70448
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70448 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS70448 Datasheet HTML 9Page - Texas Instruments TPS70448 Datasheet HTML 10Page - Texas Instruments TPS70448 Datasheet HTML 11Page - Texas Instruments TPS70448 Datasheet HTML 12Page - Texas Instruments TPS70448 Datasheet HTML 13Page - Texas Instruments TPS70448 Datasheet HTML 14Page - Texas Instruments TPS70448 Datasheet HTML 15Page - Texas Instruments TPS70448 Datasheet HTML 16Page - Texas Instruments TPS70448 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TPS70445, TPS70448, TPS70451, TPS70458, TPS70402
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
SLVS307B – SEPTEMBER 2000 – REVISED APRIL 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–50
–60
–80
–90
10
100
1 k
10 k
–30
–20
f – Frequency – Hz
TPS70451
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
–10
100 k
1 M
–40
–70
VIN1 = 4.3 V
VOUT1 = 3.3 V
IO = 10 mA
CO = 22 µF
Figure 6
Figure 7
TPS70451
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
–50
–60
–80
–100
–20
–10
0
–30
–40
–70
–90
10
100
1 k
10 k
f – Frequency – Hz
100 k
1 M
VIN1 = 4.3 V
VOUT1 = 3.3 V
IO = 1 A
CO = 22 µF
–50
–60
–80
–100
–20
–10
0
–30
–40
–70
–90
10
100
1 k
10 k
f – Frequency – Hz
TPS70451
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
100 k
1 M
VIN2 = 2.8 V
VOUT2 = 1.8 V
IO = 10 mA
CO = 47 µF
Figure 8
Figure 9
–50
–60
–80
–100
–20
–10
0
–30
–40
–70
–90
10
100
1 k
10 k
f – Frequency – Hz
TPS70451
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
100 k
1 M
VIN2 = 2.8 V
VOUT2 = 1.8 V
IO = 2 A
CO = 47 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com