Electronic Components Datasheet Search
  English  ▼

X  

TPS70448 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS70448
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70448 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS70448 Datasheet HTML 17Page - Texas Instruments TPS70448 Datasheet HTML 18Page - Texas Instruments TPS70448 Datasheet HTML 19Page - Texas Instruments TPS70448 Datasheet HTML 20Page - Texas Instruments TPS70448 Datasheet HTML 21Page - Texas Instruments TPS70448 Datasheet HTML 22Page - Texas Instruments TPS70448 Datasheet HTML 23Page - Texas Instruments TPS70448 Datasheet HTML 24Page - Texas Instruments TPS70448 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TPS70445, TPS70448, TPS70451, TPS70458, TPS70402
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
SLVS307B – SEPTEMBER 2000 – REVISED APRIL 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
thermally enhanced TSSOP-24 (PWP – PowerPad
) (continued)
The thermal pad is directly connected to the substrate of the IC, which for the TPS704xx series is a secondary
electrical connection to device ground. The heat-sink surface that is added to the PWP can be a ground plane
or left electrically isolated. In TO220-type surface-mount packages, the thermal connection is also the primary
electrical connection for a given terminal which is not always ground. The PWP package provides up to 24
independent leads that can be used as inputs and outputs (Note: leads 1, 12, 13, and 24 are internally connected
to the thermal pad and the IC substrate).
100
75
50
25
02
3
5
125
THERMAL RESISTANCE
vs
COPPER HEAT-SINK AREA
150
78
14
6
0.3
Natural Convection
50 ft/min
250 ft/min
300 ft/min
Copper Heat-Sink Area – cm2
100 ft/min
150 ft/min
200 ft/min
Figure 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com