Electronic Components Datasheet Search
  English  ▼

X  

TPS70448 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS70448
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70448 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS70448 Datasheet HTML 24Page - Texas Instruments TPS70448 Datasheet HTML 25Page - Texas Instruments TPS70448 Datasheet HTML 26Page - Texas Instruments TPS70448 Datasheet HTML 27Page - Texas Instruments TPS70448 Datasheet HTML 28Page - Texas Instruments TPS70448 Datasheet HTML 29Page - Texas Instruments TPS70448 Datasheet HTML 30Page - Texas Instruments TPS70448 Datasheet HTML 31Page - Texas Instruments TPS70448 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
TPS70445, TPS70448, TPS70451, TPS70458, TPS70402
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
SLVS307B – SEPTEMBER 2000 – REVISED APRIL 2003
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
input capacitor
For a typical application, a ceramic input bypass capacitor (0.22
µF – 1 µF) is recommended to ensure device
stability. This capacitor should be as close to the input pins as possible. Due to the impedance of the input supply,
large transient currents cause the input voltage to droop. If this droop causes the input voltage to drop below
the UVLO threshold, the device turns off. Therefore, it is recommended to place a larger capacitor in parallel
with the ceramic bypass capacitor at the regulator’s input. The size of this capacitor is dependent upon the
output current, response time of the main power supply, and the main power supply’s distance to the regulator.
At a minimum, the capacitor should be sized to ensure that the input voltage does not drop below the minimum
UVLO threshold voltage during normal operating conditions.
output capacitor
As with most LDO regulators, the TPS704xx requires an output capacitor connected between each OUT and
GND to stabilize the internal control loop. The minimum recommended capacitance value for VOUT1 is 22 µF
and the ESR (equivalent series resistance) must be between 50 m
Ω and 800 mΩ. The minimum recommended
capacitance value for VOUT2 is 47 µF and the ESR must be between 50 mΩ and 2 Ω. Solid tantalum electrolytic,
aluminum electrolytic, and multilayer ceramic capacitors are all suitable, provided they meet the requirements
described above. Larger capacitors provide a wider range of stability and better load transient response. Below
is a partial listing of surface-mount capacitors usable with the TPS704xx for fast transient response application.
This information, along with the ESR graphs, is included to assist in selection of suitable capacitance for the
user’s application. When necessary to achieve low height requirements along with high output current and/or
high load capacitance, several higher ESR capacitors can be used in parallel to meet the guidelines above.
VALUE
MFR.
PART NO.
680
µF
Kemet
T510X6871004AS
470
µF
Sanyo
4TPB470M
150
µF
Sanyo
4TPC150M
220
µF
Sanyo
2R5TPC220M
100
µF
Sanyo
6TPC100M
68
µF
Sanyo
10TPC68M
68
µF
Kemet
T495D6861006AS
47
µF
Kemet
T495D4761010AS
33
µF
Kemet
T495C3361016AS
22
µF
Kemet
T495C2261010AS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com