Electronic Components Datasheet Search
  English  ▼

X  

EM78P447SBP Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # EM78P447SBP
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SBP Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button EM78P447SBP Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
EM78P447S
OTP ROM
4.8 CODE Option Register
The EM78P447S has one CODE option word that is not a part of the normal program memory. The option bits cannot
be accessed during normal program execution.
Bit12
Bit11
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5 Bit4 Bit3 Bit2 Bit1
Bit0
MS
/ENWDT
CLK
CS
HLP
HLP
TYPE
-
-
-
-
-
-
• Bit 12 (MS):Oscillator type selection.
0: RC type
1: XTAL type(XTAL1 and XTAL2)
• Bit 11 (/ENWDT): Watchdog timer enable bit.
0: Enable
1: Disable
• Bit 10 (CLK): Instruction period option bit.
0: two oscillator periods.
1: four oscillator periods.
Refer to the section on Instruction Set.
• Bit 9 (CS): Code Security Bit
0: Security On
1: Security Off
• Bit 8 (HLF): XTAL frequency selection
0: XTAL2 type (low frequency, 32.768KHz)
1: XTAL1 type (high frequency)
This bit will affect system oscillation only when Bit12(MS) is “1”. When MS is”0”, HLF must be “0”.
<Note>: The transient point of system frequency between HXT and LXY is around 400 KHz.
• Bit 7 (HLP): Power selection.
0: Low power
1: High power
• Bit 6(TYPE): Type selection for EM78P447SA or B.
0: EM78P447SB
1: EM78P447SA
• Bit 5 and Bit4: Reserved.
The bit5 set to “1” all the time.
The bit4 set to “0” all the time.
• Bit 3~0 : Customer’s ID code
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com