Electronic Components Datasheet Search
  English  ▼

X  

EM78P447SBP Datasheet(PDF) 37 Page - ELAN Microelectronics Corp

Part # EM78P447SBP
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SBP Datasheet(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EM78P447SBP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
EM78P447S
OTP ROM
6.3 Device characteristic
The graphic provided in the following pages were derived based on a limited number of samples and are shown here for
reference only. The device characteristic illustrated herein are not guaranteed for it accuracy. In some graphic, the data
maybe out of the specified warranted operating range.
Vih/Vil (Input pins with schmitt inverter)
0
0.5
1
1.5
2
2.533.544.555.5
Vdd(Volt)
Vih max(0℃ to 70℃ )
Vih typ 25℃
Vih min(0℃ to 70℃)
Vil max(0℃ to 70℃ )
Vil typ 25℃
Vil min(0℃ to 70℃)
Fig. 16 Vih, Vil of TCC, /INT, /RESET Pin
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com