Electronic Components Datasheet Search
  English  ▼

X  

EM78P447SBP Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78P447SBP
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SBP Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78P447SBP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P447SBP Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
EM78P447S
OTP ROM
6.2 AC Electrical Characteristic
(Ta=0
°C ~ 70 °C, VDD=5V±5%, VSS=0V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Dclk
Input CLK duty cycle
45
50
55
%
Crystal type
100
DC
ns
Tins
Instruction cycle time
(CLKS="0")
RC type
500
DC
ns
Ttcc
TCC input period
(Tins+20)/N*
ns
Tdrh
Device reset hold time
Ta = 25
°C
11.3
16.2
21.6
ms
Trst
/RESET pulse width
Ta = 25
°C
2000
ns
Twdt
Watchdog timer period
Ta = 25
°C
11.3
16.2
21.6
ms
Tset
Input pin setup time
0
ns
Thold
Input pin hold time
20
ns
Tdelay
Output pin delay time
Cload=20pF
50
ns
N= selected prescaler ratio.
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com