Electronic Components Datasheet Search
  English  ▼

X  

PE5P Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PE5P
Description  Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PE5P Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PE5P Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Conductive Polymer Aluminum
Solid Capacitors (Radial Type)
RoHS
MERITEK
PE5P Series
FEATURES
Low ESR
Rated voltage: 6.3VDC, 16VDC
Endurance: 5000hours at 105ºC
PART NUMBER SYSTEM
SPECIFICATIONS
Each measurement shall be conducted at a temperature of 15ºC to 35ºC, and relative humidity of 45% to 85%. Furthermore, these
measurements shall be preferably conducted at a temperature of 20ºC±2ºC, and relative humidity of 60% to 70%, while the
capacitors shall be kept enough time in the measuring temperature.
Parameter
Standard
Category temperature range
-55ºC~+105ºC
Capacitance tolerance
±20%(M)
capacitance measured at 120Hz±10%
Low Temperature Stability
Impedance ratio
Performance
Z(-25ºC)/Z(+20ºC)
≤ 1.15
Z(-55ºC)/Z(+20ºC)
≤ 1.25
Impedance at 100kHz at -55ºC±3ºC or -25ºC±3ºC
Endurance
A capacitor shall be subjected to a temperature of 105ºC±2ºC with test voltage applied for a period of 5,000+72/-0
hours and take out from the above condition to a temperature of 20ºC. After this test, that capacitor shall meet the
characteristics as following. Besides, the applied voltage shall increase up from 0V to test voltage step by step
(maximum 5 minutes), and the impedance of the source shall be equal to about 3Ω/V.
Characteristics
Performance
Appearance
No significant damage
Capacitance change
≤ ±20% of the initial value
tanδ
≤ 150% of the initial specified value
ESR
≤ 150% of the initial specified value
Leakage current
≤ the initial specified value
Rated voltage (Vr)
6.3V
16V
Surge voltage1
7.2V
18.4V
Capacitance
220uF
680uF
820uF
330uF
Leakage current2
277uA
857uA
1,033uA
1,056uA
tanδ3
0.1
0.1
0.1
0.1
ESR4
15mΩ, max
12mΩ, max
8mΩ, max
13mΩ, max
Rated ripple current5
3.16Arms
3.5Arms
4.7Arms
4.7Arms
Dimension
6x6
6x8
6x10
8x9
NOTE:
1. Surge Voltage = Vr x 1.15
2. DC rated voltage shall be applied between anode and cathode lead wire terminations of a capacitor through 1kΩ protective
resistance, and the leakage current shall be less than or equal to standard ratings after 2 minutes with the voltage reaching the rated
value at 20ºC±2ºC.
If leakage current is doubtful, measure it after performing voltage treatment, which shall contain the following steps:
(1) Applied DC rated voltage to the capacitors for 60 minutes at 105ºC±2ºC
(2) Cooled down to room temperature with applying voltage.
(3) Discharged through a resistor of approximately 1Ω/V.
3. measured at 120Hz±10%
4. ESR measured under the following conditions, shall be less than or equal to standard ratings
Equipment
Agilent Technology 4263B or equivalent
Test Fixture
Agilent Technology 16047E or equivalent
Compensation
Short and Open compensation would be required.
Short correction is performed using the shorting.
plate made of 0.5 thickness copper plate with gold
coating
Signal Level
500mV
Frequency
100kHz
Measurement Point
Point of lead wire within 1mm from the body
Meritek Series
16V
PE5P
M
331
0809
Rated Voltage
Rated Capacitance
Capacitance Tolerance: ±
20%
Case Size:
(D) Diameter x (L) Length in mm
Express in micro farad(uF), First two digits
are significant figures, Third digit denotes
number of zeros. ‘R’ denotes decimal point
for values less than 10uF.


Similar Part No. - PE5P

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5001 PASTERNACK-PE5001 Datasheet
243Kb / 2P
Crimp Tool With 0.068, 0.213, 0.255 Hex Sizes For RG55, RG58, RG59, RG62, RG142, RG223 RG400
PE5004-KIT PASTERNACK-PE5004-KIT Datasheet
380Kb / 2P
TECHNICAL DATA SHEET
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
COAXIAL CRIMPING TOOL
PE5007 PASTERNACK-PE5007 Datasheet
205Kb / 2P
Crimp Tool With 0.100, 0.429 Hex Sizes For RG9, RG11, RG87A,RG149, RG165, RG213, RG214, RG216, RG225, RG393
PE5008 PASTERNACK-PE5008 Datasheet
203Kb / 1P
PRODUCTION GRADE SCISSOR CRIMPING TOOL
More results

Similar Description - PE5P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
MERITEK ELECTRONICS COR...
PE MERITEK-PE Datasheet
678Kb / 3P
Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PE5K MERITEK-PE5K Datasheet
809Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (Radial type)
PEEA MERITEK-PEEA Datasheet
738Kb / 2P
Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PEEP MERITEK-PEEP Datasheet
635Kb / 8P
Conductive Polymer Aluminum Solid Capacitor (Radial Type)
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com