Electronic Components Datasheet Search
  English  ▼

X  

PE5P Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # PE5P
Description  Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PE5P Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  PE5P Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Conductive Polymer Aluminum
Solid Capacitors (Radial Type)
RoHS
MERITEK
PE5P Series
5. These current are rms values of sine wave of 100kHz/ 105ºC
DIMENSIONS
CONSTRUCTION
Radial type capacitors shall be enclosed wound element, where anode and cathode foils with lead wire termination shall be winded
together with separator, with conductive polymer electrolyte in a plastic coated aluminum case and sealed up tightly with rubber.
RELIABILITY
Item
Standard
Pull strength of lead wire terminations
With the body of a capacitor fixed, the load list below shall be applied to the lead wire termination in its
draw out direction, gradually up to the specified value and held for 10±1 seconds. After this test, that
capacitor shall not appear any change defective in use.
Case diameter (mm)
Load strength (N)
Load strength (kgf)
Φ4
2.5
0.255
Φ6.3
5
0.51
Φ8
10
1.0
Φ10
10
1.0
Bending strength of lead wire terminations
Bending strength load listed below shall be hung at the end of the lead wire termination, and the body of
a capacitor shall be bent 90ºand return to its original position. This operation shall be performed around
2 to 3 seconds. Then the body shall be bent 90°at the opposite direction and return to its original position
at same speed. At this test, that capacitor shall no appear any change defective in use.
Case diameter (mm)
Load strength (N)
Load strength (kgf)
Φ4
1.25
0.218
Φ6.3
2.5
0.255
Φ8
5
0.51
Φ10
5
0.51
Vibration
Vibration cycle should vary from 10 to 55Hz with total amplitude of 1.5mm and return to 10Hz in about 1
minute. Vibration applied to a capacitor should be three directions, which each perpendicular to the other
two as longitudinal axis of capacitor set as z axis, and last for 2
hours in each direction. During this test, measuredelectrical
value shall be stabilized when that capacitor is measured 5
times within 30 minutes before completion of test, and the
appearance shall not appear any remarkable abnormality. A
capacitor
shall be fixed at the point of 4mm or less from the body, see
below -
Solderability
A lead wire termination shall be dipped for 2±0.5 seconds in the flux of ethanol or isopropylalcohol
solution (25±2%) of colophonium. Then that lead wire terminations shall be immersed to a solder (H60A,
H60S or H63A) of 235±5ºC and up to the point 1.5mm to 2.0mm from the body and kept for 2±0.5
seconds, and pulling it out. After this test, at least 95% of circumferential surface of the dipped portion of
termination shall be covered with new solder.
Resistance to soldering heat
A Capacitor shall be inserted to a printed circuit board having a thickness of 1.6mm to the point 1.5 to
2.0mm from the body. Then the lead wire termination shall be dipped for 5 to 10 seconds in the flux of
ethanol solution (25±2%) of colophonium. And then the lead wire termination shall be immersed to the
solder (H60A, H60S or H63A) of 260±5ºC and up to the point of the Printed circuit board and kept for
Size
5x9
5x10
6x6
6x9
8x9
8x12
10x12
BD+0.5, max
5.0
5.0
6.3
6.3
8.0
8.0
10.0
BL, max
9.0
10.0
6.0
9.0
9.0
12.0
12.0
Φd±0.05
0.5
0.5
0.45
0.6
0.6
0.6
0.6
LS±0.4
2.0
2.0
2.5
2.5
3.5
3.5
5.0
LL±0.3
3.2
3.2
3.2
3.2
3.2
3.2
3.2
All Dimensions in mms
Compositions
Materials
1
Element
Anode foil
Aluminum
Cathode foil
Aluminum
Separator
Synthetic fiber
2
Seal
Rubber
3
Aluminum tab
Aluminum
4
Lead wire
Tinned Lead
5
Case
Plastic coated aluminum
≤
30º
≤
4mm
1.6mm thickness PCB
soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com