Electronic Components Datasheet Search
  English  ▼

X  

PE5P Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # PE5P
Description  Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PE5P Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  PE5P Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PE5P Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Conductive Polymer Aluminum
Solid Capacitors (Radial Type)
RoHS
MERITEK
PE5P Series
10±1 seconds, and pulling it out. After this test, characteristics shall meet the value show below.
Characteristics
Performance
Capacitance change
Within ±5% of the value before test
tanδ
Not exceed specification
Leakage current
Not exceed specification
Visual
No remarkable abnormality
Resistance to solvent
A Capacitor shall be immersed for 30±5 seconds in isopropylalcohol at 20ºC to 25ºC and then pull it out.
After this test, marking and visual shall meet the requirement
Characteristics
Performance
Marking
Easily readable
Appearance
Not appear any abnormality
Damp heat, steady state
A capacitor shall be subjected to a temperature of 60±2ºC and relative humidity of 90% to 95% without
voltage applied for a period of 1000+24/-0 hours. Then that capacitor shall be take out from the above
condition to a temperature of 20ºC and it shall meet the characteristics
Characteristics
Performance
Appearance
No significant damage
Capacitance change
≤ ±20% of the initial value
tanδ
≤ 150% of the initial specified value
ESR
≤ 150% of the initial specified value
Leakage current
≤ the initial specified value
Surge voltage
The following specifications shall be satisfied when the capacitors are restored to +20ºC after the surge
voltage is applied at a cycle of 360 seconds which consists charge for 30±5 seconds through a protective
resistor of 1kΩ and discharge for 330 seconds, for 1000 cycles at 105ºC±2ºC.
Characteristics
Performance
Appearance
No significant damage
Capacitance change
≤ ±20% of the initial value
tanδ
≤ 150% of the initial specified value
ESR
≤ 150% of the initial specified value
Leakage current
≤ the initial specified value
Cx
v
+-
+
-
R1:
protective resistor: 1kohm
Voltmeter
R2:
protective resistor: 1kohm
Capacitor under test
Rapid temperature change
The characteristics of a capacitor kept under the temperature cycle indicated below for 5 cycles
105ºC
0ºC
-55ºC
30±3min
30±3min
≤
3min
≤
3min
and followed the steps -
(1) Applied DC rated voltage to the capacitors for 60 minutes at 105ºC±2ºC
(2) Cooled down to room temperature with applying voltage.
(3) Discharged through a resistor of approximately 1Ω/V.
shall meet the characteristics-
Characteristics
Performance
Appearance
No significant damage
Capacitance change
≤ ±10% of the initial value
tanδ
≤ the initial specified value
ESR
≤ the initial specified value
Leakage current
≤ the initial specified value



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com