Electronic Components Datasheet Search
  English  ▼

X  

DS2740 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2740
Description  High-Precision Coulomb Counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2740 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2740 Datasheet HTML 2Page - Dallas Semiconductor DS2740 Datasheet HTML 3Page - Dallas Semiconductor DS2740 Datasheet HTML 4Page - Dallas Semiconductor DS2740 Datasheet HTML 5Page - Dallas Semiconductor DS2740 Datasheet HTML 6Page - Dallas Semiconductor DS2740 Datasheet HTML 7Page - Dallas Semiconductor DS2740 Datasheet HTML 8Page - Dallas Semiconductor DS2740 Datasheet HTML 9Page - Dallas Semiconductor DS2740 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS2740
6 of 15
ACR RANGE
RSNS
PART
VIS1- VIS2
20m
W
15m
W
10m
W
5m
W
DS2740
DS2740B
±204.8mVh
±10.24Ah
±13.65Ah
±20.48Ah
±40.96Ah
MEMORY
The DS2740 has memory space with registers for instrumentation, status, and control. When the MSB of
a two-byte register is read, both the MSB and LSB are latched and held for the duration of the read data
command to prevent updates during the read and ensure synchronization between the two register bytes.
For consistent results, always read the MSB and the LSB of a two-byte register during the same read data
command sequence.
Table 3. MEMORY MAP
ADDRESS (HEX)
DESCRIPTION
READ/WRITE
00
Reserved
—
01
Status Register
R
02 to 07
Reserved
—
08
Special Feature Register
R/W
09 to 0D
Reserved
—
0E
Current Register MSB
R
0F
Current Register LSB
R
10
Accumulated Current Register MSB
R/W
11
Accumulated Current Register LSB
R/W
12 to FF
Reserved
—
STATUS REGISTER
The format of the status register is shown in Figure 5. The function of each bit is described in detail in the
following paragraphs.
Figure 5. STATUS REGISTER FORMAT
ADDRESS 01
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
X
SMOD
X
RNAOP
X
X
X
X
SMOD—SLEEP Mode Enable. A value of 1 allows the DS2740 to enter sleep mode when DQ is low for
2s. A value of 0 disables DQ related transitions to sleep mode. The power-up default of SMOD = 0.
RNAOP—Read Net Address Opcode. A value of 0 in this bit sets the opcode for the read net address
command to 33h, while a 1 sets the opcode to 39h. The power-up default of RNAOP = 0.
X—Reserved bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com