Electronic Components Datasheet Search
  English  ▼

X  

DS2740 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2740
Description  High-Precision Coulomb Counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2740 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2740 Datasheet HTML 1Page - Dallas Semiconductor DS2740 Datasheet HTML 2Page - Dallas Semiconductor DS2740 Datasheet HTML 3Page - Dallas Semiconductor DS2740 Datasheet HTML 4Page - Dallas Semiconductor DS2740 Datasheet HTML 5Page - Dallas Semiconductor DS2740 Datasheet HTML 6Page - Dallas Semiconductor DS2740 Datasheet HTML 7Page - Dallas Semiconductor DS2740 Datasheet HTML 8Page - Dallas Semiconductor DS2740 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
033103
FEATURES
§ 15-Bit Bidirectional Current Measurement
(DS2740)
§ 1.56mV LSB and ±51.2mV Dynamic
Range
§ 78mA LSB and ±2.56A Dynamic
Range with External 20m
W Sense
Resistor (RSNS)
§ 156mA LSB and ±5.12A Dynamic
Range with External 10m
W Sense
Resistor (RSNS)
§ 13-Bit Bidirectional Current Measurement
(DS2740B)
§ 6.25mV LSB and ±51.2mV Dynamic
Range
§ 312mA LSB and ±2.56A Dynamic
Range with External 20m
W Sense
Resistor (RSNS)
§ 625mA LSB and ±5.12A Dynamic
Range with External 10m
W Sense
Resistor (RSNS)
§ Analog Input Filter (IS1, IS2) Extends
Dynamic Range for Pulse-Load
Applications
§ Current Accumulation Register
Resolution
§ 6.25mVhr (Both DS2740 and
DS2740B)
§ 0.3125mAhr with External 20mW
RSNS
§ 0.6250mAhr with External 10mW
RSNS
§ Dallas 1-Wire
® Interface
§ Unique 64-Bit Device Address
§ Standard and Overdrive Timings
(OVD)
§ Low Power Consumption:
§ Active Current: 65mA max
§ Sleep Current: 1mA max
PIN CONFIGURATION
PIN DESCRIPTION
OVD- 1-Wire Bus Speed Select
PIO - Programmable I/O Pin
SNS - Sense Resistor Input
IS2 - Current-Sense Input
IS1 - Current-Sense Input
VSS - Device Ground, Current-Sense Resistor
Return
DQ - Data Input/Output
VDD - Power-Supply Input (2.7V to 5.5V)
DS2740
High-Precision Coulomb Counter
www.maxim-ic.com
mMAX
(DS2740U, DS2740BU)
PIO
VDD
DQ
VSS
IS1
IS2
SNS
OVD
6
8
7
5
3
1
2
4
See Table 1 for Ordering Information.
See Table 2 for Detailed Pin Descriptions.
1-Wire is a registered trademark of Dallas Semiconductor.


Similar Part No. - DS2740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
DS2740BU MAXIM-DS2740BU Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
DS2740BUTR MAXIM-DS2740BUTR Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
DS2740U MAXIM-DS2740U Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
DS2740UTR MAXIM-DS2740UTR Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
More results

Similar Description - DS2740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
logo
Linear Technology
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC3335 LINER-LTC3335_15 Datasheet
467Kb / 28P
Nanopower Buck-Boost DC/DC with Integrated Coulomb Counter
LTC3335 LINER-LTC3335 Datasheet
1Mb / 22P
Nanopower Buck-Boost DC/DC with Integrated Coulomb Counter
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
logo
Texas Instruments
TMAG6181-Q1 TI-TMAG6181-Q1 Datasheet
1Mb / 41P
TMAG6181-Q1 High-Precision Analog AMR Angle Sensor With Integrated Turns Counter
MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com