Electronic Components Datasheet Search
  English  ▼

X  

DS2740 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2740
Description  High-Precision Coulomb Counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2740 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2740 Datasheet HTML 4Page - Dallas Semiconductor DS2740 Datasheet HTML 5Page - Dallas Semiconductor DS2740 Datasheet HTML 6Page - Dallas Semiconductor DS2740 Datasheet HTML 7Page - Dallas Semiconductor DS2740 Datasheet HTML 8Page - Dallas Semiconductor DS2740 Datasheet HTML 9Page - Dallas Semiconductor DS2740 Datasheet HTML 10Page - Dallas Semiconductor DS2740 Datasheet HTML 11Page - Dallas Semiconductor DS2740 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DS2740
8 of 15
CRC is available in Application Note 27, Understanding and Using Cyclic Redundancy Checks with
Dallas Semiconductor Touch Memory Products. (This application note can be found on the Maxim/Dallas
Semiconductor website at www.maxim-ic.com.)
In the circuit in Figure 8, the shift register bits are initialized to 0. Then, starting with the least significant
bit of the family code, one bit at a time is shifted in. After the 8th bit of the family code has been entered,
then the serial number is entered. After the 48th bit of the serial number has been entered, the shift
register contains the CRC value.
Figure 8. 1-WIRE CRC GENERATION BLOCK DIAGRAM
HARDWARE CONFIGURATION
Because the 1-Wire bus has only a single line, it is important that each device on the bus be able to drive
it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must connect to the
bus with open-drain or tri-state output drivers. The DS2740 uses an open-drain output driver as part of the
bidirectional interface circuitry shown in Figure 9. If a bidirectional pin is not available on the bus master,
separate output and input pins can be connected together.
The 1-Wire bus must have a pullup resistor at the bus-master end of the bus. For short line lengths, the
value of this resistor should be approximately 5k
W. The idle state for the 1-Wire bus is high. If, for any
reason, a bus transaction must be suspended, the bus must be left in the idle state to properly resume the
transaction later. If the bus is left low for more than 120ms (16ms for overdrive speed), slave devices on
the bus begin to interpret the low period as a reset pulse, effectively terminating the transaction.
The DS2740 can operate in two communication speed modes, standard and overdrive. The speed mode is
determined by the input logic level of the OVD pin with a logic 0 selecting standard speed and a logic 1
selecting overdrive speed. The OVD pin must be at a stable logic level of 0 or 1 before initializing a
transaction with a reset pulse. All 1-Wire devices on a multinode bus must operate at the same
communication speed for proper operation. 1-Wire timing for both standard and overdrive speeds are
listed in the Electrical Characteristics: 1-Wire Interface tables.
MSb
XOR
XOR
LSb
XOR
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com