Electronic Components Datasheet Search
  English  ▼

X  

4423P Datasheet(PDF) 3 Page - Texas Instruments

Part # 4423P
Description  Precision Quadrature Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

4423P Datasheet(HTML) 3 Page - Texas Instruments

  4423P Datasheet HTML 1Page - Texas Instruments 4423P Datasheet HTML 2Page - Texas Instruments 4423P Datasheet HTML 3Page - Texas Instruments 4423P Datasheet HTML 4Page - Texas Instruments 4423P Datasheet HTML 5Page - Texas Instruments 4423P Datasheet HTML 6Page - Texas Instruments 4423P Datasheet HTML 7Page - Texas Instruments 4423P Datasheet HTML 8Page - Texas Instruments 4423P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4423
SBFS020A − JANUARY 1978 − REVISED JUNE 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Specifications typical at +25
°C and ±15VDC power supply, unless otherwise noted.
4423P
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Frequency
Initial frequency
No adjustments
20.0
21.0
22.0
kHz
Frequency range
Using two resistors only
2
20
kHz
Frequency range
Using two resistors and two capacitors
0.002
20k
Hz
Accuracy of frequency equation(1)
±1
±5
%
Stability vs temperature
±50
±100
ppm/
°C
Quadrature phase error
±0.1
degrees
Distortion
Sine output (pin 1)
0.002Hz to 5kHz
0.2
%
Sine output (pin 1)
5kHz to 20kHz
0.5
%
Cosine output (pin 7)
0.002Hz to 5kHz
0.2
%
Cosine output (pin 7)
5kHz to 20kHz
0.8
%
Distortion vs temperature
0.015
%/
°C
Output
At 20kHz
6.5
7
7.5
Vrms
Amplitude (sine)
vs temperature
0.05
%/
°C
Amplitude (sine)
vs supply
0.4
V/V
Output current
1.5
5
mA
Output impedance
1
Ω
Uncommitted Op Amp
Input offset voltage
1.5
mV
Input bias current
275
nA
Input impedance
1
M
Ω
Open loop gain
90
dB
Output current
5
mA
Power Supply
Rated supply voltage
±15
V
Supply voltage range
±12
±18
V
Quiescent current
±9
±18
mA
Temperature Range
Specified
0
+70
°C
Operating
−25
+85
°C
Storage
−55
+125
°C
(1) May be trimmed for better accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com