Electronic Components Datasheet Search
  English  ▼

X  

4423P Datasheet(PDF) 7 Page - Texas Instruments

Part # 4423P
Description  Precision Quadrature Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

4423P Datasheet(HTML) 7 Page - Texas Instruments

Back Button 4423P Datasheet HTML 2Page - Texas Instruments 4423P Datasheet HTML 3Page - Texas Instruments 4423P Datasheet HTML 4Page - Texas Instruments 4423P Datasheet HTML 5Page - Texas Instruments 4423P Datasheet HTML 6Page - Texas Instruments 4423P Datasheet HTML 7Page - Texas Instruments 4423P Datasheet HTML 8Page - Texas Instruments 4423P Datasheet HTML 9Page - Texas Instruments 4423P Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4423
SBFS020A − JANUARY 1978 − REVISED JUNE 2004
www.ti.com
7
For example, the DF of ceramic disc capacitors is on the
order of 3%, which for a 0.01
µF capacitor would be
comparable to an internal resistor of 530k
Ω at 1kHz.
The 530k
Ω value resistor is small enough to stop the
4423 oscillator from oscillating.
Some capacitor manufacturers use the terms Power
Factor (PF) or Q Factor (Q) instead of dissipation factor.
These
terms
are
similar
in
meaning
and
are
mathematically related by Equations (5) and (6).
(PF)
+
(DF)
1
) (DF)2
Q
+ 1
(DF)
OSCILLATION AMPLITUDE
It takes a finite time to build up the amplitude of the
oscillation to its final full-scale value. There is a
relationship between the amplitude build-up time and
the frequency. The lower the frequency, the longer the
amplitude build-up time. For example, it typically takes
250 seconds at 1Hz, 30 seconds at 10Hz, 4 seconds at
100Hz, 400 milliseconds at 1kHz, and 40 milliseconds
at 10kHz oscillator frequencies.
There are two methods available to shorten this normal
amplitude build-up time. There is also a relationship
between the amplitude build-up time and distortion at
final amplitude value. When the amplitude build-up time
is shortened, the distortion can become worse.
One method to shorten the amplitude build-up time is to
connect a resistor between pin 3 and pin 14. The lower
the value of this resistor, the shorter the time to build up
amplitude of the oscillation. Conversely, the distortion
of the output waveform worsens. For example, a 100k
Ω
resistor would shorten the amplitude build-up time,
from 15 seconds to 1 second at 20kHz frequency, but
the distortion could be degraded from typically 0.05% to
0.5%.
The other method is to momentarily insert a 1k
Ω
resistor via a reset switch between pin 3 and pin 14. The
amplitude of oscillation is built up instantaneously when
the reset switch is pushed. There will be no degradation
of distortion with this method since the 1k
Ω resistor
does not remain in the circuit continuously.
(5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com