Electronic Components Datasheet Search
  English  ▼

X  

4423P Datasheet(PDF) 5 Page - Texas Instruments

Part # 4423P
Description  Precision Quadrature Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

4423P Datasheet(HTML) 5 Page - Texas Instruments

  4423P Datasheet HTML 1Page - Texas Instruments 4423P Datasheet HTML 2Page - Texas Instruments 4423P Datasheet HTML 3Page - Texas Instruments 4423P Datasheet HTML 4Page - Texas Instruments 4423P Datasheet HTML 5Page - Texas Instruments 4423P Datasheet HTML 6Page - Texas Instruments 4423P Datasheet HTML 7Page - Texas Instruments 4423P Datasheet HTML 8Page - Texas Instruments 4423P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4423
SBFS020A − JANUARY 1978 − REVISED JUNE 2004
www.ti.com
5
EXTERNAL CONNECTIONS
20kHz Quadrature Oscillator
The 4423 does not require any external component to
obtain a 20kHz quadrature oscillator. The connection
diagram is shown in Figure 4.
+15V
E
1 =10 sin 2π (20k) t
E
2 =10 cos 2π (20k) t
−15V
10
2
8
1
7
13
11
9
4423
Figure 4.
Resistor-Programmable Quadrature Oscillator
For resistor-programmable frequencies in the 2kHz to
20kHz frequency range, the connection diagram is
provided in Figure 5. Note that only two resistors of
equal value are required. Resistor R can be expressed
by Equation (1).
R
+ 3.785f
42.05
* 2f
Where:
R is in k
Ω,
f is in kHz.
+15V
E
1 =10 sin 2π ft
RR
E
2 =10 cos 2π ft
−15V
10
2
8
1
7
13
11
3
12
9
4423
Figure 5.
Quadrature Oscillator Programmable to 0.002Hz
For oscillator frequencies below 2kHz, the use of two
capacitors of equal value is recommended, as shown in
Figure 6.The connections shown in Figure 6 can be
used to obtain oscillator frequency outputs in the
0.002Hz to 20kHz range.
+15V
E
1 =10 sin 2π ft
E
2 =10 cos 2π ft
−15V
10
12
3
1
7
14
1
1
2
13
9
4423
8
R
C
C
R
Figure 6.
Frequency f can be expressed by Equation (2).
f
+
42.05R
(C
) 0.001)(3.785 ) 2R)
Where:
f is in Hz.
C is in
µF.
R is in k
Ω.
For best results, the capacitor values shown in Table 1
should be selected with respect to their frequency
ranges.
Table 1. Recommended Capacitor Values
f
20kHz
to
2kHz
2kHz
to
200Hz
200Hz
to
20Hz
C
0
0.01
µF
0.1
µF
20Hz
to
2Hz
2Hz
to
0.2Hz
0.2Hz
to
0.02Hz
0.02Hz
to
0.002Hz
1
µF
10
µF
100
µF
1000
µF
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com