Electronic Components Datasheet Search
  English  ▼

X  

ADC3243 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3243
Description  Analog-to-Digital Converters
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3243 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC3243 Datasheet HTML 35Page - Texas Instruments ADC3243 Datasheet HTML 36Page - Texas Instruments ADC3243 Datasheet HTML 37Page - Texas Instruments ADC3243 Datasheet HTML 38Page - Texas Instruments ADC3243 Datasheet HTML 39Page - Texas Instruments ADC3243 Datasheet HTML 40Page - Texas Instruments ADC3243 Datasheet HTML 41Page - Texas Instruments ADC3243 Datasheet HTML 42Page - Texas Instruments ADC3243 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
Frequency (MHz)
0
50
100
150
200
250
300
350
400
68
69
70
71
72
73
74
D117
Dither_EN
Dither_DIS
Frequency (MHz)
0
50
100
150
200
250
300
350
400
70
75
80
85
90
95
100
D118
Dither_EN
Dither_DIS
Each Tone Amplitude (dBFS)
-35
-31
-27
-23
-19
-15
-11
-7
-110
-105
-100
-95
-90
-85
D115
Each Tone Amplitude (dBFS)
-35
-31
-27
-23
-19
-15
-11
-7
-110
-105
-100
-95
-90
-85
-80
D116
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D113
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D114
39
ADC3241, ADC3242, ADC3243, ADC3244
www.ti.com
SBAS671C – JULY 2014 – REVISED MARCH 2016
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Characteristics: ADC3244 (continued)
Typical values are at TA = 25°C, ADC sampling rate = 125 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when chopper is enabled, unless otherwise noted.
fIN1 = 185 MHz, fIN2 = 190 MHz, IMD3 = 86.4 dBFS,
each tone at –7 dBFS
Figure 106. FFT for Two-Tone Input Signal
(–7 dBFS at 185 MHz and 190 MHz)
fIN1 = 185 MHz, fIN2 = 190 MHz, IMD3 = 87.28 dBFS,
each tone at –36 dBFS
Figure 107. FFT for Two-Tone Input Signal
(–36 dBFS at 185 MHz and 190 MHz)
Figure 108. Intermodulation Distortion vs Input Amplitude
(46 MHz and 50 MHz)
Figure 109. Intermodulation Distortion vs Input Amplitude
(185 MHz and 190 MHz)
Figure 110. Signal-to-Noise Ratio vs Input Frequency
Figure 111. Spurious-Free Dynamic Range vs
Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com