Electronic Components Datasheet Search
  English  ▼

X  

ADC3243 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3243
Description  Analog-to-Digital Converters
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3243 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC3243 Datasheet HTML 9Page - Texas Instruments ADC3243 Datasheet HTML 10Page - Texas Instruments ADC3243 Datasheet HTML 11Page - Texas Instruments ADC3243 Datasheet HTML 12Page - Texas Instruments ADC3243 Datasheet HTML 13Page - Texas Instruments ADC3243 Datasheet HTML 14Page - Texas Instruments ADC3243 Datasheet HTML 15Page - Texas Instruments ADC3243 Datasheet HTML 16Page - Texas Instruments ADC3243 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
13
ADC3241, ADC3242, ADC3243, ADC3244
www.ti.com
SBAS671C – JULY 2014 – REVISED MARCH 2016
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Reported from a 1-MHz offset.
7.10 AC Performance: ADC3243
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 80 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
ADC3243 (fS = 80 MSPS)
UNIT
DITHER ON
DITHER OFF
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
SNR
Signal-to-noise ratio
(from 1-MHz offset)
fIN = 10 MHz
73.1
73.5
dBFS
fIN = 70 MHz
70.7
72.9
73.3
fIN = 100 MHz
72.7
73
fIN = 170 MHz
72
72.4
fIN = 230 MHz
71.4
71.7
Signal-to-noise ratio
(full Nyquist band)
fIN = 10 MHz
72.4
72.8
fIN = 70 MHz
72.3
72.6
fIN = 100 MHz
72.1
72.3
fIN = 170 MHz
71.4
71.7
fIN = 230 MHz
70.9
71.2
NSD(1)
Noise spectral density
(averaged across Nyquist zone)
fIN = 10 MHz
–149.0
–149.4
dBFS/Hz
fIN = 70 MHz
–148.8 –146.7
–149.2
fIN = 100 MHz
–148.6
–148.9
fIN = 170 MHz
–147.9
–148.3
fIN = 230 MHz
–147.3
–147.6
SINAD(1)
Signal-to-noise and distortion
ratio
fIN = 10 MHz
73.1
73.4
dBFS
fIN = 70 MHz
69.6
72.9
73.2
fIN = 100 MHz
72.7
72.9
fIN = 170 MHz
71.9
72.2
fIN = 230 MHz
71.2
71.3
ENOB(1)
Effective number of bits
fIN = 10 MHz
11.8
11.9
Bits
fIN = 70 MHz
11.3
11.8
11.9
fIN = 100 MHz
11.8
11.8
fIN = 170 MHz
11.6
11.7
fIN = 230 MHz
11.5
11.6
SFDR
Spurious-free dynamic range
fIN = 10 MHz
89
94
dBc
fIN = 70 MHz
82
93
93
fIN = 100 MHz
93
91
fIN = 170 MHz
87
87
fIN = 230 MHz
85
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com