Electronic Components Datasheet Search
  English  ▼

X  

ADC3243 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3243
Description  Analog-to-Digital Converters
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3243 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC3243 Datasheet HTML 45Page - Texas Instruments ADC3243 Datasheet HTML 46Page - Texas Instruments ADC3243 Datasheet HTML 47Page - Texas Instruments ADC3243 Datasheet HTML 48Page - Texas Instruments ADC3243 Datasheet HTML 49Page - Texas Instruments ADC3243 Datasheet HTML 50Page - Texas Instruments ADC3243 Datasheet HTML 51Page - Texas Instruments ADC3243 Datasheet HTML 52Page - Texas Instruments ADC3243 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
2
_
2
_
.
,
)
(
)
(
ADC
Aperture
Input
Clock
Ext
Jitter
Jitter
T
T
T
)
2
log(
20
]
[
Jitter
in
Jitter
T
f
dBc
SNR
˜
˜
˜
S
2
20
2
20
2
20
10
10
10
log
20
]
[
¸
¸
¹
·
¨
¨
©
§
¸
¸
¹
·
¨
¨
©
§
¸
¸
¹
·
¨
¨
©
§
˜
Jitter
Noise
Thermal
Noise
in
Quantizato
SNR
SNR
SNR
ADC dBc
SNR
CLKP
CLKM
0.1 F
m
CMOS
Clock Input
Device
0.1 F
m
CLKP
1.4 V
5 kW
5 kW
20 W
L
2 nH
PKG
C
1 pF
BOND
R
100 W
ESR
CLKM
Clock Buffer
C
EQ
20 W
L
2 nH
PKG
C
1 pF
BOND
R
100 W
ESR
C
EQ
49
ADC3241, ADC3242, ADC3243, ADC3244
www.ti.com
SBAS671C – JULY 2014 – REVISED MARCH 2016
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
NOTE: CEQ is 1 pF to 3 pF and is the equivalent input capacitance of the clock buffer.
Figure 139. Internal Clock Buffer
A single-ended CMOS clock can be ac-coupled to the CLKP input, with CLKM connected to ground with a 0.1-
μF
capacitor, as shown in Figure 140. However, for best performance the clock inputs must be driven differentially,
thereby reducing susceptibility to common-mode noise. For high input frequency sampling, TI recommends using
a clock source with very low jitter. Band-pass filtering of the clock source can help reduce the effects of jitter.
There is no change in performance with a non-50% duty cycle clock input.
Figure 140. Single-Ended Clock Driving Circuit
9.3.2.1 SNR and Clock Jitter
The signal-to-noise ratio of the ADC is limited by three different factors, as shown in Equation 1. Quantization
noise (typically 86 dB for a 14-bit ADC) and thermal noise limit SNR at low input frequencies while the clock jitter
sets SNR for higher input frequencies.
(1)
The SNR limitation resulting from sample clock jitter can be calculated with Equation 2.
(2)
The total clock jitter (TJitter) has two components: the internal aperture jitter (130 fs for the device) which is set by
the noise of the clock input buffer and the external clock. TJitter can be calculated with Equation 3.
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com