Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC720M7 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC720M7
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC720M7 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP8SAC720M7 Datasheet HTML 6Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 7Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 8Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 9Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 10Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 11Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 12Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 13Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
DC Electrical Characteristics (Continued)
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
V
CC = 2.7V, VOH = 1.8V
−0.2
mA
Sink
V
CC = 4.5V, VOL = 1.0V
10
mA
V
CC = 2.7V, VOL = 0.4V
2
mA
L Port
Source (Weak Pull-Up)
V
CC = 4.5V, VOH = 2.7V
−10.0
−110
µA
V
CC = 2.7V, VOH = 1.8V
−2.5
−33
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
V
CC = 2.7V, VOH = 1.8V
−0.2
mA
Sink (L0–L3, Push-Pull Mode)
V
CC = 4.5V, VOL = 1.0V
10.0
mA
V
CC = 2.7V, VOL = 0.4V
2
mA
Sink (L4–L7, Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
V
CC = 2.7V, VOL = 0.4V
0.7
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 2.7V
−10.0
−110
µA
V
CC = 2.7V, VOH = 1.8V
−2.5
−33
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
V
CC = 2.7V, VOH = 1.8V
−0.2
mA
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
V
CC = 2.7V, VOL = 0.4V
0.7
mA
Allowable Sink Current per Pin (Note 17)
D Outputs and L0 to L3
15
mA
All Others
3mA
Maximum Input Current without Latchup (Note 15)
±200
mA
RAM Retention Voltage, Vr
2.0
V
V
CC Rise Time from a VCC ≥ 2.0V
(Note 18)
12
µs
Input Capacitance
(Note 17)
7
pF
Load Capacitance on D2
(Note 17)
1000
pF
AC Electrical Characteristics
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator, External
4.5V
≤ V
CC ≤ 5.5V
1.0
DC
µs
2.7V
≤ V
CC < 4.5V
2.0
DC
µs
Internal R/C Oscillator
4.5V
≤ V
CC ≤ 5.5V
2.0
µs
2.7V
≤ V
CC < 4.5V
TBD
µs
R/C Oscillator Frequency Variation
4.5V
≤ V
CC ≤ 5.5V
±35
%
(Note 17)
2.7V
≤ V
CC < 4.5V
TBD
%
External CKI Clock Duty Cycle (Note 17)
fr = Max
45
55
%
Rise Time (Note 17)
fr = 10 MHz Ext Clock
12
ns
Fall Time (Note 17)
fr = 10 MHz Ext Clock
8
ns
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com