Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC720M7 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC720M7
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC720M7 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button COP8SAC720M7 Datasheet HTML 9Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 10Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 11Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 12Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 13Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 14Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 15Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 16Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
DC Electrical Characteristics (Continued)
−40˚C
≤ T
A ≤ +125˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Allowable Sink Current per Pin (Note 17)
D Outputs and L0 to L3
15
mA
All Others
3mA
Maximum Input Current without Latchup
Room Temp
±200
mA
(Note 15)
RAM Retention Voltage, Vr
2.0
V
V
CC Rise Time from a VCC ≥ 2.0V
(Note 18)
12
µs
Input Capacitance
(Note 17)
7
pF
Load Capacitance on D2
(Note 17)
1000
pF
AC Electrical Characteristics
−40˚C
≤ T
A ≤ +125˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator, External
4.5V
≤ V
CC ≤ 5.5V
1.0
DC
µs
Internal R/C Oscillator
4.5V
≤ V
CC ≤ 5.5V
2.0
DC
µs
R/C Oscillator Frequency Variation
4.5V
≤ V
CC ≤ 5.5V
TBD
%
(Note 6)
External CKI Clock Duty Cycle (Note 6)
fr = Max
45
55
%
Rise Time (Note 6)
fr = 10 MHz Ext Clock
12
ns
Fall Time (Note 6)
fr = 10 MHz Ext Clock
8
ns
Inputs
t
SETUP
4.5V
≤ V
CC ≤ 5.5V
200
ns
t
HOLD
4.5V
≤ V
CC ≤ 5.5V
60
ns
Output Propagation Delay (Note 5)
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4.5V
≤ V
CC ≤ 5.5V
0.7
µs
All Others
4.5V
≤ V
CC ≤ 5.5V
1.0
µs
MICROWIRE Setup Time (t
UWS) (Note 5)
20
ns
MICROWIRE Hold Time (t
UWH) (Note 5)
56
ns
MICROWIRE Output Propagation Delay (t
UPD)
220
ns
MICROWIRE Maximum Shift Clock
Master Mode
500
kHz
Slave Mode
1
MHz
Input Pulse Width (Note 6)
Interrupt Input High Time
1
t
C
Interrupt Input Low Time
1
t
C
Timer 1, 2, 3 Input High Time
1
t
C
Timer 1, 2, 3 Input Low Time
1
t
C
Reset Pulse Width
1
µs
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com