Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC720M7 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC720M7
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC720M7 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button COP8SAC720M7 Datasheet HTML 8Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 9Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 10Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 11Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 12Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 13Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 14Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 15Page - National Semiconductor (TI) COP8SAC720M7 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Absolute Maximum Ratings (Note 19)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.6V to V
CC +0.6V
ESD Protection Level
2 kV
(Human Body Model)
Total Current into V
CC Pin (Source)
80 mA
Total Current out of GND Pin (Sink)
100 mA
Storage Temperature Range
−65˚C to +140˚C
Note 19:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
−40˚C
≤ T
A ≤ +125˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Rise Time from 0.0V
(Note 17)
(On-Chip Power-On Reset Selected)
10 ns
50 ms
V
CC Start Voltage to Guarantee POR
0.25
V
Power Supply Ripple (Note 12)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 13)
CKI = 10 MHz
V
CC = 5.5V, tC = 1 µs
6.0
mA
HALT Current (Note 14) — WATCHDOG
Disabled
V
CC = 5.5V, CKI = 0 MHz
<10
30
µA
IDLE Current (Note 13)
CKI = 10 MHz
V
CC = 5.5V, tC = 1 µs
1.5
mA
Input Levels (V
IH,VIL)
RESET
Logic High
0.8 V
CC
V
Logic Low
0.2 V
CC
V
CKI, All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Value of the Internal Bias Resistor
0.5
1.0
2.0
M
Ω
for the Crystal/Resonator Oscillator
CKI Resistance to V
CC or GND when R/C
V
CC = 5.5V
5
8
11
k
Ω
Oscillator is Selected
Hi-Z Input Leakage
V
CC = 5.5V
−5
+5
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−35
−400
µA
G and L Port Input Hysteresis
0.25 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink
V
CC = 4.5V, VOL = 1.0V
9
mA
L Port
Source (Weak Pull-Up)
V
CC = 4.5V, VOH = 2.7V
−9
−140
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink (L0–L3, Push-Pull Mode)
V
CC = 4.5V, VOL = 1.0V
9
mA
Sink (L4–L7, Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.4
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 2.7V
−9
−140
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.4
mA
TRI-STATE Leakage
V
CC = 5.5V
−5
+5
µA
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com