Electronic Components Datasheet Search
  English  ▼

X  

ADS830 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS830
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS830 Datasheet(HTML) 2 Page - Texas Instruments

  ADS830 Datasheet HTML 1Page - Texas Instruments ADS830 Datasheet HTML 2Page - Texas Instruments ADS830 Datasheet HTML 3Page - Texas Instruments ADS830 Datasheet HTML 4Page - Texas Instruments ADS830 Datasheet HTML 5Page - Texas Instruments ADS830 Datasheet HTML 6Page - Texas Instruments ADS830 Datasheet HTML 7Page - Texas Instruments ADS830 Datasheet HTML 8Page - Texas Instruments ADS830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADS830
2
SBAS086A
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
ADS830E
SSOP-20 (QSOP)
349
–40
°C to +85°C
ADS830E
ADS830E
Rails
"
"
"
"
"
ADS830E/1K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “ADS830E/1K” will get a single 1000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
+VS ....................................................................................................... +6V
Analog Input ............................................................. –0.3V to (+VS + 0.3V)
Logic Input ............................................................... –0.3V to (+VS + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PRODUCT
DEMO BOARD
ADS830
DEM-ADS830E
DEMO BOARD ORDERING INFORMATION
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, and external reference, unless otherwise noted.
ADS830E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
8 Guaranteed
Bits
SPECIFIED TEMPERATURE RANGE
Ambient Air
–40 to +85
°C
ANALOG INPUT
Standard Single-Ended Input Range
2Vp-p
1.5
3.5
V
Optional Single-Ended Input Range
1Vp-p
2
3
V
Common-Mode Voltage
2.5
V
Optional Differential Input Range
2Vp-p
2
3
V
Analog Input Bias Current
1
µA
Input Impedance
1.25 || 5
M
Ω || pF
Track-Mode Input Bandwidth
–3dBFS
300
MHz
CONVERSION CHARACTERISTICS
Sample Rate
10k
60M
Samples/s
Data Latency
4
Clk Cyc
DYNAMIC CHARACTERISTICS
Differential Linearity Error (Largest Code Error)
f = 1MHz
±0.1
±1.0
LSB
f = 10MHz
±0.2
LSB
No Missing Codes
Guaranteed
Integral Nonlinearity Error, f = 1MHz
±0.3
±1.5
LSBs
Spurious Free Dynamic Range(1)
f = 1MHz (–1dB input)
67
dBFS(2)
f = 10MHz (–1dB input)
54
65
dBFS
Two-Tone Intermodulation Distortion(3)
f = 9.5MHz and 9.9MHz (–7dB each tone)
–60
dBc
Signal-to-Noise Ratio (SNR)
Referred to Full Scale
f = 1MHz
49.5
dB
f = 10MHz
47
49.5
dB
Signal-to-(Noise + Distortion) (SINAD)
Referred to Full Scale
f = 1MHz
48
dB
f = 10MHz
45
48
dB
Effective Number of Bits(4), f = 1MHz
7.7
Bits
Differential Gain Error
NTSC, PAL
0.2
%
Differential Phase Error
NTSC, PAL
0.2
degrees
Output Noise
Input Tied to Common-Mode
0.2
LSBs rms
Aperture Delay Time
3ns
Aperture Jitter
1.2
ps rms
Overvoltage Recovery Time
2ns
Full-Scale Step Acquisition Time
2.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com