Electronic Components Datasheet Search
  English  ▼

X  

ADS830 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS830
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS830 Datasheet(HTML) 1 Page - Texas Instruments

  ADS830 Datasheet HTML 1Page - Texas Instruments ADS830 Datasheet HTML 2Page - Texas Instruments ADS830 Datasheet HTML 3Page - Texas Instruments ADS830 Datasheet HTML 4Page - Texas Instruments ADS830 Datasheet HTML 5Page - Texas Instruments ADS830 Datasheet HTML 6Page - Texas Instruments ADS830 Datasheet HTML 7Page - Texas Instruments ADS830 Datasheet HTML 8Page - Texas Instruments ADS830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8-Bit, 60MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q HIGH SNR: 49.5dB
q INTERNAL /EXTERNAL REFERENCE
OPTION
q SINGLE-ENDED OR
DIFFERENTIAL ANALOG INPUT
q PROGRAMMABLE INPUT RANGE:
1Vp-p /2Vp-p
q LOW POWER: 170mW
q LOW DNL: 0.2LSB
q SINGLE +5V SUPPLY OPERATION
q SSOP-20 PACKAGE
APPLICATIONS
q MEDICAL IMAGING
q VIDEO DIGITIZING
q COMMUNICATIONS
q DISK-DRIVE CONTROL
DESCRIPTION
The ADS830 is a pipeline, CMOS Analog-to-Digital (A/D)
converter that operates from a single +5V power supply.
This converter provides excellent performance with a single-
ended input and can be operated with a differential input
for added spurious performance. This high performance
converter includes an 8-bit quantizer, high bandwidth
track/hold, and a high accuracy internal reference. It also
allows for the user to disable the internal reference and
utilize external references. This external reference option
provides excellent gain and offset matching when used in
multi-channel applications or in applications where DC full
scale range adjustment is required.
The ADS830 employs digital error correction techniques to
provide excellent differential linearity for demanding im-
aging applications. Its low distortion and high SNR give
the extra margin needed for medical imaging, communica-
tions, video, and test instrumentation.
The ADS830 is specified at a maximum sampling fre-
quency of 60MHz and a single-ended input range of 1.5V
to 3.5V. The ADS830 is available in a SSOP-20 package
and is pin-for-pin compatible with the 8-bit, 80MHz ADS831.
TM
¤
ADS830
8-Bit
Pipelined
A/D Core
Internal
Reference
Optional External
Reference
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T/H
CLK
VDRV
ADS830
+V
S
Int/Ext
D0
D7
•
•
•
IN
V
IN
IN
(Opt)
ADS830
SBAS086A – APRIL 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - ADS830

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830 Datasheet
556Kb / 16P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI2-ADS830 Datasheet
335Kb / 16P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
APRIL 2001
ADS830 TI2-ADS830 Datasheet
338Kb / 17P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
APRIL 2001
logo
Burr-Brown (TI)
ADS830E BURR-BROWN-ADS830E Datasheet
177Kb / 11P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS830

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS7818 TI1-ADS7818_13 Datasheet
668Kb / 21P
ANALOG-TO-DIGITAL CONVERTER
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
ANALOG-to-DIGITAL CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com