Electronic Components Datasheet Search
  English  ▼

X  

ADS830 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS830
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS830 Datasheet(HTML) 5 Page - Texas Instruments

  ADS830 Datasheet HTML 1Page - Texas Instruments ADS830 Datasheet HTML 2Page - Texas Instruments ADS830 Datasheet HTML 3Page - Texas Instruments ADS830 Datasheet HTML 4Page - Texas Instruments ADS830 Datasheet HTML 5Page - Texas Instruments ADS830 Datasheet HTML 6Page - Texas Instruments ADS830 Datasheet HTML 7Page - Texas Instruments ADS830 Datasheet HTML 8Page - Texas Instruments ADS830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADS830
5
SBAS086A
SPECTRAL PERFORMANCE
(Single-Ended, 1Vp-p)
Frequency (MHz)
7.5
0
15
22.5
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
f
IN = 10MHz
SNR = 49dBFS
SFDR = 65dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
7.5
15
22.5
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
f
IN = 20MHz
SNR = 49dBFS
SFDR = 63dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
7.5
15
22.5
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
f
IN = 10MHz
SNR = 49dBFS
SFDR = 65dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
7.5
15
22.5
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
f
IN = 1MHz
SNR = 49dBFS
SFDR = 67dBFS
TWO-TONE INTERMODULATION DISTORTION
Frequency (MHz)
0
7.5
15
22.5
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
f
1 = 9.5MHz at –7dBFS
f
2 = 9.9MHz at –7dBFS
IMD(3) = –60dBc
TYPICAL CHARACTERISTICS
At TA = full specified temperature range, single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, and external reference, unless otherwise noted.
DIFFERENTIAL LINEARITY ERROR
Output Code
0.2
0.1
0
–0.1
–0.2
0
64
128
192
256
f
IN = 10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com