Electronic Components Datasheet Search
  English  ▼

X  

BQ2000 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2000 Datasheet(HTML) 5 Page - Texas Instruments

  BQ2000 Datasheet HTML 1Page - Texas Instruments BQ2000 Datasheet HTML 2Page - Texas Instruments BQ2000 Datasheet HTML 3Page - Texas Instruments BQ2000 Datasheet HTML 4Page - Texas Instruments BQ2000 Datasheet HTML 5Page - Texas Instruments BQ2000 Datasheet HTML 6Page - Texas Instruments BQ2000 Datasheet HTML 7Page - Texas Instruments BQ2000 Datasheet HTML 8Page - Texas Instruments BQ2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
bq2000
www.ti.com
SLUS138D – JANUARY 2008 – REVISED DECEMBER 2009
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
VCC relative to VSS
–0.3 to 7
V
VT
DC voltage applied on any pin, relative to VSS
–0.3 to VCC
V
TOPR
Operating ambient temperature
–20 to 70
°C
TSTG
Storage temperature
–40 to 125
°C
TSOLDER
Soldering temperature (10 s max.)
260
°C
(1)
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be limited to the
Recommended DC Operating Conditions detailed in this data sheet. Exposure to conditions beyond the operational limits for extended
periods of time may affect device reliability.
DC THRESHOLDS
(1)
TA = TOPR; VCC = 5V ±20% (unless otherwise specified)
PARAMETER
TEST CONDITIONS
TYPICAL
TOLERANCE
UNIT
VTCO
Temperature cutoff
Voltage at the TS pin
0.225 × VCC
±5%
V
VHTF
High-temperature fault
Voltage at the TS pin
0.25 × VCC
±5%
V
VLTF
Low-temperature fault
Voltage at the TS pin
0.5 × VCC
±5%
V
VMCV
Maximum cell voltage
Voltage at the BAT pin
2.00
±0.75%
V
VLBAT
Minimum cell voltage
Voltage at the BAT pin
950
±5%
mV
PVD
BAT input change for PVD detection
Voltage at the BAT pin
3.8
±20%
mV
VSNSHI
High threshold at SNS
Voltage at the SNS pin
50
±10
mV
VSNSLO
Low threshold at SNS
Voltage at the SNS pin
–50
±10
mV
VSLP
Sleep-mode input threshold
Voltage at the BAT pin
VCC–1
±0.5
V
VRCH
Recharge threshold
Voltage at the BAT pin
VMCV–0.1
±0.02
V
(1)
All voltages are relative to VSS except as noted.
RECOMMENDED DC OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
4
5
6
V
ICC
Supply current
Exclusive of external loads
0.5
1
mA
ICCS
Sleep current
VBAT = VSLPM
5
µA
VTS
Thermistor input
VTS < 0.5 V prohibited
0.5
VCC
V
VOH
Output high input
MOD, IOH = 10 mA
VCC–0.4
V
VOL
Output low input
MOD, LED, IOL = 10 mA
0.2
V
IOZ
High-impedance leakage current
LED
5
µA
Isnk
Sink current
MOD, LED
20
mA
RMTO
Charge timer resistor
2
250
k
Ω
CMTO
Charge timer capacitor
0.001
1
µF
IMPEDANCE
PARAMETER
MIN
TYP
MAX
UNIT
RBAT
Battery input impedance
10
M
Ω
RTS
TS input impedance
10
M
Ω
RSNS
SNS input impedance
10
M
Ω
TIMING
TA = TOPR; VCC = 5 V ±20% (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
dMTO
MTO time-base variation
–5%
5%
fTRKL
Pulse-trickle frequency
0.9
1
1.1
Hz
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com