Electronic Components Datasheet Search
  English  ▼

X  

BQ2000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2000 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2000 Datasheet HTML 1Page - Texas Instruments BQ2000 Datasheet HTML 2Page - Texas Instruments BQ2000 Datasheet HTML 3Page - Texas Instruments BQ2000 Datasheet HTML 4Page - Texas Instruments BQ2000 Datasheet HTML 5Page - Texas Instruments BQ2000 Datasheet HTML 6Page - Texas Instruments BQ2000 Datasheet HTML 7Page - Texas Instruments BQ2000 Datasheet HTML 8Page - Texas Instruments BQ2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
2
3
4
8
7
6
5
SNS
LED
BAT
VSS
MOD
VCC
TS
RC
bq2000
www.ti.com
SLUS138D – JANUARY 2008 – REVISED DECEMBER 2009
Programmable Multi-Chemistry Fast-Charge Management IC
Check for Samples: bq2000
1
FEATURES
GENERAL DESCRIPTION
•
Safe Management of Fast Charge for NiCd,
NiMH, or Li-Ion Battery Packs
The bq2000 is a programmable, monolithic IC for
fast-charge management of nickel cadmium (NiCd),
•
High-Frequency Switching Controller for
nickel metal-hydride (NiMH), or lithium-ion (Li-Ion)
Efficient and Simple Charger Design
batteries in single- or multi-chemistry applications.
•
Pre-Charge Qualification for Detecting
The bq2000 chooses the proper battery chemistry
Shorted, Damaged, or Overheated Cells
(either nickel or lithium) and proceeds with the
•
Fast-Charge Termination by Peak Voltage
optimal charging and termination algorithms. This
(PVD) for Nickel chemistries, Minimum Current
process eliminates undesirable, undercharged, or
overcharged conditions, and allows accurate and safe
for Li-Ion chemistries, Maximum Temperature,
termination of fast charge
and Maximum Charge Time
•
Selectable Top-Off Mode for Achieving
Depending on the chemistry, the bq2000 provides a
Maximum Capacity in NiMH Batteries
number of charge termination criteria:
•
Peak voltage, PVD (for NiCd and NiMH)
•
Programmable Trickle-Charge Mode for
Reviving Deeply Discharged Batteries and for
•
Minimum charge current (for Li-Ion)
Postcharge Maintenance
•
Maximum temperature
•
Built-in Battery Removal and Insertion
•
Maximum charge time
Detection
For safety, the bq2000 inhibits fast charge until the
•
Sleep Mode for Low Power Consumption
battery
voltage
and
temperature
are
within
user-defined limits. If the battery voltage is below the
APPLICATIONS
low-voltage threshold, the bq2000 uses trickle-charge
to condition the battery. For NiMH batteries, the
•
Multi-Chemistry Charger
bq2000 provides an optional top-off charge to
•
Nickel Charger
maximize the battery capacity.
•
High-Power, Multi-Cell Charger
The integrated high-speed comparator allows the
bq2000 to be the basis for a complete, high-efficiency
battery charger circuit for both nickel-based and
lithium-based chemistries.
spacer between para and illustration
8-Pin DIP or Narrow SOIC or TSSOP
Pin Names
SNS
Current-sense input
VSS
System ground
LED
Charge-status output
BAT
Battery-voltage input
TS
Temperature-sense input
RC
Timer-program input
VCC
Supply-voltage input
MOD
Modulation-control output
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000 TI2-BQ2000 Datasheet
924Kb / 31P
Programmable Multi-Chemistry Fast-Charge Management IC
REVISED DECEMBER 2009
BQ2000PN TI-BQ2000PN Datasheet
164Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000PN-B5 TI-BQ2000PN-B5 Datasheet
164Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000PN-B5 TI2-BQ2000PN-B5 Datasheet
924Kb / 31P
Programmable Multi-Chemistry Fast-Charge Management IC
REVISED DECEMBER 2009
More results

Similar Description - BQ2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
Programmable NiCd/NiMH Fast-Charge Management Device
logo
List of Unclassifed Man...
BQ2000T ETC1-BQ2000T Datasheet
677Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
4A Multi-Type Battery Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com